Electronic Components Datasheet Search
  English  ▼

X  

ZC823 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZC823
Description  SILICON ION-IMPLANTED HYPERABRUPT TUNER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZC823 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZC823 Datasheet HTML 1Page - Zetex Semiconductors ZC823 Datasheet HTML 2Page - Zetex Semiconductors ZC823 Datasheet HTML 3Page - Zetex Semiconductors ZC823 Datasheet HTML 4Page - Zetex Semiconductors ZC823 Datasheet HTML 5Page - Zetex Semiconductors ZC823 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
830 series
ISSUE 6 - JANUARY 2002
2
PART
Capacitance (pF)
V
R=2V,
f=1MHz
Min Q
V
R=3V
f=50MHz
Capacitance Ratio
C
2 /C20
at f=1MHz
MIN.
NOM.
MAX.
MIN.
MAX.
829A
7.38
8.2
9.02
250
4.3
5.8
829B
7.79
8.2
8.61
250
4.3
5.8
830A
9.0
10.0
11.0
300
4.5
6.0
830B
9.5
10.0
10.5
300
4.5
6.0
831A
13.5
15.0
16.5
300
4.5
6.0
831B
14.25
15.0
15.75
300
4.5
6.0
832A
19.8
22.0
24.2
200
5.0
6.5
832B
20.9
22.0
23.1
200
5.0
6.5
833A
29.7
33.0
36.3
200
5.0
6.5
833B
31.35
33.0
34.65
200
5.0
6.5
834A
42.3
47.0
51.7
200
5.0
6.5
834B
44.65
47.0
49.35
200
5.0
6.5
835A
61.2
68.0
74.8
100
5.0
6.5
835B
64.6
68.0
71.4
100
5.0
6.5
836A
90.0
100.0
110.0
100
5.0
6.5
836B
95.0
100.0
105.0
100
5.0
6.5
TUNING CHARACTERISTICS at Tamb = 25°C
PARAMETER
SYMBOL
MAX
UNIT
Forward current
I
F
200
mA
Power dissipation at T
amb =25 C SOT23
P
tot
330
mW
Power dissipation at T
amb =25 C SOD323
P
tot
330
mW
Power dissipation at T
amb =25 C SOD523
P
tot
250
mW
Operating and storage temperature range
-55 to +150
C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
I
R = 10uA
25
V
Reverse voltage leakage
V
R = 20V
0.2
20
nA
Temperature coefficient of capacitance
V
R = 3V, f = 1MHz
300
400
ppCm/ C
ELECTRICAL CHARACTERISTICS at Tamb = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com