Electronic Components Datasheet Search
  English  ▼

X  

CER0295C Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0295C
Description  Surface mount, silver (Ag) coated ceramic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0295C Datasheet(HTML) 2 Page - CTS Corporation

  CER0295C Datasheet HTML 1Page - CTS Corporation CER0295C Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0295C
2593 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
15.50
max
B
5.50
max
C
0.90
0.13
D
0.70
0.13
E
0.70
0.13
F
2.27
0.13
G
10.97
0.13
H
4.30
max
I
0.90
0.13
J
1.00
max
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
5.5
REEL QUANTITY
ea.
500
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
1.260"/32
0.268"/6.80 0.622"/15.80 0.177"/4.50 0.472"/12.00
Customer Feed Direction
Product Marking
CTS
95C
YWW
-80
-70
-60
-50
-40
-30
-20
-10
0
2100
2300
2500
2700
2900
3100
-40
-30
-20
-10
0
10
20
30
40
IN
OUT
Rev 1 – Origin Date: August 17, 2006 – Revision Date: July 26, 2007
IN
OUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com