Electronic Components Datasheet Search
  English  ▼

X  

CER0325D Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0325D
Description  Surface mount, silver (Ag) coated ceramic filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0325D Datasheet(HTML) 2 Page - CTS Corporation

  CER0325D Datasheet HTML 1Page - CTS Corporation CER0325D Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0325D
3550 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Customer Feed Direction
DIMENISION
UNITS
SPECIFICATION
REEL DIAMETER
mm
330
REELWEIGHT
kg
1.5
REEL QUANTITY
ea.
1000
Rev 0 – Origin Date: June 26, 2006 – Revision Date: June 26, 2006
Product Marking
CTS
25D
YWW
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
6.8
max
B
5.7
max
C
1.40
0.13
D
0.5
0.13
E
0.65
0.13
F
2.151
0.25
G
2.151
0.25
H
2.4
max
I
1.10
0.13
-80
-70
-60
-50
-40
-30
-20
-10
0
2800
3000
3200
3400
3600
3800
4000
-40
-30
-20
-10
0
10
20
30
40
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.630"/16
0.257"/6.52
0.280"/7.1
0.102"/2.60 0.472"/12.00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com