Electronic Components Datasheet Search
  English  ▼

X  

CER0329B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0329B
Description  Surface mount, silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0329B Datasheet(HTML) 2 Page - CTS Corporation

  CER0329B Datasheet HTML 1Page - CTS Corporation CER0329B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0329B
5.4 GHz BPF
Mechanical Drawing
Electrical response
PCB Layout
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
B
6.8
max
C
D
1.35
0.25
E
3.86
0.13
F
G
0.66
0.13
H
0.66
0.13
I
0.66
0.13
J
0.66
0.13
K
3.9
max
L
2.9
max
M
2.6
max
N
0.76
0.13
-40
-30
-20
-10
0
4000
4500
5000
5500
6000
6500
10
20
30
40
50
Rev 0 – Origin Date: September 12, 2014 – Revision Date: September 12, 2014
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Packaging and Marking
Customer Feed Direction
DIMENISION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REELWEIGHT
kg
0.8
REEL QUANTITY
ea.
1000
Product Marking
CTS
29B
YWW
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.630"/16
0.161"/4.1
0.280"/7.1
0.102"/2.6
0.315"/8.0
-100
-90
-80
-70
-60
-50
-40
-50
-40
-30
-20
-10
0
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com