Electronic Components Datasheet Search
  English  ▼

X  

DMP213DUFA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMP213DUFA
Description  Halogen and Antimony Free. ?쏥reen??Device (Note 3)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP213DUFA Datasheet(HTML) 5 Page - Diodes Incorporated

  DMP213DUFA Datasheet HTML 1Page - Diodes Incorporated DMP213DUFA Datasheet HTML 2Page - Diodes Incorporated DMP213DUFA Datasheet HTML 3Page - Diodes Incorporated DMP213DUFA Datasheet HTML 4Page - Diodes Incorporated DMP213DUFA Datasheet HTML 5Page - Diodes Incorporated DMP213DUFA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMP213DUFA
Document number: DS36466 Rev. 1 - 2
5 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMP213DUFA
t1, PULSE DURATION TIMES (sec)
Figure 12 Transient Thermal Resistance
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
Single Pulse
R
(t) = r(t) * R
R
= 339°C/W
Duty Cycle, D = t1/ t2
θθ
θ
JA
JA
JA
0.001
0.01
0.1
1
D = 0.9
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
X2-DFN0806-3
Dim
Min
Max Typ
A
0.375 0.40 0.39
A1
0
0.05 0.02
A3
-
-
0.10
b
0.10
0.20 0.15
D
0.55
0.65 0.60
D1
0.35
0.45 0.40
E
0.75
0.85 0.80
E1
0.20
0.30 0.25
e
-
-
0.35
K
-
-
0.20
L
0.20
0.30 0.25
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.350
X
0.200
X1
0.450
X2
0.550
Y
0.375
Y1
0.475
Y2
1.000
A
A3
Seating Plane
A1
D
E
b (2x)
L (2x)
e
D1
E1
Pin#1
R0.075
K
X1
X2
Y2
Y1
Y (2x)
X (2x)
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com