Electronic Components Datasheet Search
  English  ▼

X  

LF05A-B3 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LF05A-B3
Description  LINEARlight Flex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF05A-B3 Datasheet(HTML) 1 Page - OSRAM GmbH

  LF05A-B3 Datasheet HTML 1Page - OSRAM GmbH LF05A-B3 Datasheet HTML 2Page - OSRAM GmbH LF05A-B3 Datasheet HTML 3Page - OSRAM GmbH LF05A-B3 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LINEARlight Flex - LF05A
Data Sheet
www.osram.com/LED-Systems
Picture for
Datasheet
is missing
!!!
Benefits
Linear separable LED strip on flexible
printed circuit board with self-adhesive back
Low profile
Available in various colors
Applications
Edge-coupling of transparent or diffused
materials
Path illumination, contour accentuation
Signage and illuminated advertising
Color
Voltage
[V DC]*
Power
[W]*
Radiance
Angle [°]*
Wavelength [nm]
Color Temp [K]*
Lum. Flux
[lm]*
Current
[A]*
Product
Number of
LEDs
Technical Operating Data
white
24
72,0
120
5400 K
2715
3
LF05A-W3F-854
495
white
24
72,0
120
4000 K
2715
3
LF05A-W3F-840
495
white
24
72,0
120
3000 K
2110
3
LF05A-W3F-830
495
white
24
72,0
120
2700 K
2110
3
LF05A-W3F-827
495
blue
24
72,0
120
470 nm
845
3
LF05A-B3
495
All Data are related to the entire module
Due to the special conditions of the manufacturing processes of LED the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
Preliminary Data
**) Discontinued
*)
+)
Technical Features
One reel (entire module 495 LEDs) comes with
one LED-band
Light emission vertical to the mounting surface
Size of printed circuit board (L x W x H):
9900 mm x 8 mm x 3mm
Size of smallest unit (L x W):
100 mm x 8 mm
Additional cutting possibilities by using the
termination LF-2TERM
Easy mounting by adhesive tape on isolated
backside
Easy connection with optional
CONNECTsystem LF-xx Flex: Feeder LF-2PIN
Flex, connector LF-CONN-10 Flex and LF-
CONN-150 Flex.
Dimmable by pulse width modulation (PWM)
Only parallel connection allowed
Up to 50,000 h lifetime
Page 1 of 4
LF05A - 17.05.2010


Similar Part No. - LF05A-B3

ManufacturerPart #DatasheetDescription
logo
ITT Industries
LF05A080L27QY ITT-LF05A080L27QY Datasheet
201Kb / 2P
Precision Snap-acting Reset Switches
logo
C&K Components
LF05A080L27QY CK-COMPONENTS-LF05A080L27QY Datasheet
196Kb / 3P
Reset Switch
LF05A080Q CK-COMPONENTS-LF05A080Q Datasheet
196Kb / 3P
Reset Switch
More results

Similar Description - LF05A-B3

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GTL-OS-70082 GILWAY-GTL-OS-70082 Datasheet
581Kb / 4P
Product Information Bulletin LINEARlight Flex Top Colormix
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
LINEARlight Flex
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
LINEARlight Colormix Flex
logo
List of Unclassifed Man...
70105 ETC2-70105 Datasheet
419Kb / 4P
LINEARlight FLEX TOPLED Flexible White or Colored LED Strips
logo
OSRAM GmbH
LF05CE-P OSRAM-LF05CE-P Datasheet
518Kb / 4P
LINEARlight Colormix Flex Protect
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
LINEARLIGHT FLEX ECO
LF06A-P OSRAM-LF06A-P Datasheet
567Kb / 4P
LINEARlight Flex Protect ADVANCED
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
LINEARlight POWER Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
LINEARLIGHT POWER FLEX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com