Electronic Components Datasheet Search
  English  ▼

X  

54AC374 Datasheet(PDF) 2 Page - Texas Instruments

Part # 54AC374
Description  Octal D Flip-Flop with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54AC374 Datasheet(HTML) 2 Page - Texas Instruments

  54AC374 Datasheet HTML 1Page - Texas Instruments 54AC374 Datasheet HTML 2Page - Texas Instruments 54AC374 Datasheet HTML 3Page - Texas Instruments 54AC374 Datasheet HTML 4Page - Texas Instruments 54AC374 Datasheet HTML 5Page - Texas Instruments 54AC374 Datasheet HTML 6Page - Texas Instruments 54AC374 Datasheet HTML 7Page - Texas Instruments 54AC374 Datasheet HTML 8Page - Texas Instruments 54AC374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
54AC374
• 54ACT374
Octal D Flip-Flop with TRI-STATE® Outputs
General Description
The ’AC/’ACT374 is a high-speed, low-power octal D-type
flip-flop featuring separate D-type inputs for each flip-flop
and TRI-STATE outputs for bus-oriented applications. A buff-
ered Clock (CP) and Output Enable (OE) are common to all
flip-flops.
Features
n ICC and IOZ reduced by 50%
n Buffered positive edge-triggered clock
n TRI-STATE outputs for bus-oriented applications
n Outputs source/sink 24 mA
n See ’273 for reset version
n See ’377 for clock enable version
n See ’373 for transparent latch version
n See ’574 for broadside pinout version
n See ’564 for broadside pinout version with inverted
outputs
n ’ACT374 has TTL-compatible inputs
n Standard Military Drawing (SMD)
— ’AC374: 5962-87694
— ’ACT374: 5962-87631
Logic Symbols
Pin
Names
Description
D
0–D7
Data Inputs
CP
Clock Pulse Input
OE
TRI-STATE Output Enable Input
O
0–O7
TRI-STATE Outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100289-1
IEEE/IEC
DS100289-2
August 1998
© 1998 National Semiconductor Corporation
DS100289
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com