Electronic Components Datasheet Search
  English  ▼

X  

74F241 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74F241
Description  Octal Buffers/Line Drivers with TRI-STATE(RM) Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74F241 Datasheet(HTML) 2 Page - Texas Instruments

  74F241 Datasheet HTML 1Page - Texas Instruments 74F241 Datasheet HTML 2Page - Texas Instruments 74F241 Datasheet HTML 3Page - Texas Instruments 74F241 Datasheet HTML 4Page - Texas Instruments 74F241 Datasheet HTML 5Page - Texas Instruments 74F241 Datasheet HTML 6Page - Texas Instruments 74F241 Datasheet HTML 7Page - Texas Instruments 74F241 Datasheet HTML 8Page - Texas Instruments 74F241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TLF9501
May 1995
54F74F240
54F74F24154F74F244
Octal BuffersLine Drivers with TRI-STATE
Outputs
General Description
The ’F240 ’F241 and ’F244 are octal buffers and line driv-
ers designed to be employed as memory and address driv-
ers clock drivers and bus-oriented transmittersreceivers
which provide improved PC and board density
Features
Y
TRI-STATE outputs drive bus lines or buffer memory
address registers
Y
Outputs sink 64 mA (48 mA mil)
Y
12 mA source current
Y
Input clamp diodes limit high-speed termination effects
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F240PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F240DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F240SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F240SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
54F240FM (Note 2)
W20A
20-Lead Cerpack
54F240LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
74F241PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F241DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F241SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F241SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
54F241FM (Note 2)
W20A
20-Lead Cerpack
54F241LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
74F244PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F244DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F244SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F244SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
74F244MSA (Note 1)
MSA20
20-Lead Molded Shrink Small Outline EIAJ Type II
54F244FM (Note 2)
W20A
20-Lead Cerpack
54F244LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use Suffix e SCX SJX and MSAX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com