| Electronic Components Datasheet Search |
|
5474 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
5474 Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 8 page ![]() TLF6526 June 1989 5474DM5474DM7474 Dual Positive-Edge-Triggered D Flip-Flops with Preset Clear and Complementary Outputs General Description This device contains two independent positive-edge-trig- gered D flip-flops with complementary outputs The informa- tion on the D input is accepted by the flip-flops on the posi- tive going edge of the clock pulse The triggering occurs at a voltage level and is not directly related to the transition time of the rising edge of the clock The data on the D input may be changed while the clock is low or high without affecting the outputs as long as the data setup and hold times are not violated A low logic level on the preset or clear inputs will set or reset the outputs regardless of the logic levels of the other inputs Features Y Alternate MilitaryAerospace device (5474) is available Contact a National Semiconductor Sales OfficeDistrib- utor for specifications Connection Diagram Dual-In-Line Package TLF6526 – 1 Order Number 5474DMQB 5474FMQB DM5474J DM5474W DM7474M or DM7474N See NS Package Number J14A M14A N14A or W14B Function Table Inputs Outputs PR CLR CLK D Q Q LH X X H L HL X X L H LL X X H H HH u HH L HH u LL H HH L X Q0 Q0 H e High Logic Level X e Either Low or High Logic Level L e Low Logic Level u e Positive-going transition of the clock e This configuration is nonstable that is it will not persist when either the preset andor clear inputs return to their inactive (high) level Q0 e The output logic level of Q before the indicated input conditions were established C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |