Electronic Components Datasheet Search
  English  ▼

X  

ADC08131 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC08131
Description  8-Bit High-Speed Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08131 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC08131 Datasheet HTML 16Page - Texas Instruments ADC08131 Datasheet HTML 17Page - Texas Instruments ADC08131 Datasheet HTML 18Page - Texas Instruments ADC08131 Datasheet HTML 19Page - Texas Instruments ADC08131 Datasheet HTML 20Page - Texas Instruments ADC08131 Datasheet HTML 21Page - Texas Instruments ADC08131 Datasheet HTML 22Page - Texas Instruments ADC08131 Datasheet HTML 23Page - Texas Instruments ADC08131 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
OBSOLETE
ADC08131, ADC08134, ADC08138
www.ti.com
SNAS066D – JUNE 1999 – REVISED APRIL 2013
Diodes are 1N914
Figure 29. Protecting the Input
*VIN(−) = 0.15 VREF
15% of VREF ≤ VXDR ≤ 85% of VREF
Figure 30. Operating with Ratiometric Transducers
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC08131 ADC08134 ADC08138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com