Electronic Components Datasheet Search
  English  ▼

X  

2N6384 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6384
Description  NPN DARLINGTON POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6384 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6384 Datasheet HTML 1Page - Microsemi Corporation 2N6384 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN DARLINGTON POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/523
Devices
Qualified Level
2N6383
2N6384
2N6385
JAN, JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol 2N6383 2N6384 2N6385 Unit
Collector-Emitter Voltage
VCEO
40
60
80
Vdc
Collector-Base Voltage
VCBO
40
60
80
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Base Current
IB
0.25
Adc
Collector Current
IC
10
Adc
Total Power Dissipation
@ TA = +25
0C (1)
@ TC = +25
0C (2)
PT
6.0
100
W
W
Operating & Storage Temperature
Top, Tstg
-55 to +175
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance Junction-to-Case
RθJC
1.75
0C/W
1)
Derate linearly 34.2 mW/
0C above TA > +250C
2)
Derate linearly 571 mW/
0C above TC > +250C
TO-3* (TO-204AA)
*See Appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TC = +25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 200 mAdc
2N6383
2N6384
2N6385
V(BR)CEO
40
60
80
Vdc
Collector-Emitter Breakdown Voltage
IC = 200 mAdc, RBB = 100 Ω
2N6383
2N6384
2N6385
V(BR)CER
40
60
80
Vdc
Collector-Base Cutoff Current
VCE = 40 Vdc
2N6383
VCE = 60 Vdc
2N6384
VCE = 80 Vdc
2N6385
ICBO
1.0
1.0
1.0
mAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N6384

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6384 MOSPEC-2N6384 Datasheet
146Kb / 3P
POWER TRANSISTORS(10A,100W)
logo
Central Semiconductor C...
2N6384 CENTRAL-2N6384 Datasheet
51Kb / 1P
POWER TRANSISTORS TO-3 CASE
logo
List of Unclassifed Man...
2N6384 ETC-2N6384 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N6384 SAVANTIC-2N6384 Datasheet
114Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6384 JMNIC-2N6384 Datasheet
159Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N6384

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Micro Commercial Compon...
2N6045 MCC-2N6045 Datasheet
470Kb / 2P
NPN Silicon Power Darlington Transistor
TIP110 MCC-TIP110_11 Datasheet
234Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Central Semiconductor C...
BD675 CENTRAL-BD675 Datasheet
337Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP152 NJSEMI-TIP152 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
MJH11018 NJSEMI-MJH11018 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
TIP142T NJSEMI-TIP142T Datasheet
80Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com