Electronic Components Datasheet Search
  English  ▼

X  

2SA1834 Datasheet(PDF) 2 Page - Rohm

Part # 2SA1834
Description  Low Vce(sat) Transistor (Strobe flash) (-20V, -10A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1834 Datasheet(HTML) 2 Page - Rohm

  2SA1834 Datasheet HTML 1Page - Rohm 2SA1834 Datasheet HTML 2Page - Rohm 2SA1834 Datasheet HTML 3Page - Rohm 2SA1834 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1834
Transistors
Rev.A
2/3
Electrical characteristics (Ta=25
°C)
BASE TO EMITTER VOLTAGE : VBE (V)
−1.4
−0.4 −0.6 −0.8 −1.0 −1.2
−0.2
0
−1m
−2m
−5m
−10m
−20m
−50m
−100m
−200m
−500m
−1
−2
−5
−10
VCE
= −2V
Fig.1 Ground emitter propagation
characteristics
Ta
=150
°C
25
°C
−55
°C
−20m
−1 −2
−5
−10 −20
−50m −100m −200m −500m
COLLECTOR CURRENT : IC (A)
10
20
50
100
200
500
1000
2000
5000
10000
Fig.2 DC current gain vs. collector current(
Ι )
VCE
= −5V
−2V
−1V
Ta
=25
°C
−20m
−1 −2
−5
−10 −20
−50m −100m −200m −500m
COLLECTOR CURRENT : IC (A)
10
20
50
100
200
500
1000
2000
5000
10000
Fig.3 DC current gain vs.collector current (
ΙΙ )
25
°C
Ta
=150
°C
VCE
= −2V
−55°C
−10m −20m −50m −100m−200m −500m −1 −2
−5
−10 −20
−2
−5
−10
−20
−50
−100
−200
−500
−1000
COLLECTOR CURRENT : IC (A)
−1
Fig.4 Collector-emitter saturation voltage
vs. collector current (
Ι )
IC/IB
=80
20
40
Ta
=25
°C
Fig.5 Collector-emitter saturation voltage
vs. collector current (
ΙΙ )
−20m −50m −100m −200m −500m
−1 −2
−5
−10 −20
−5
−10
−20
−50
−100
−200
−500
−1000
COLLECTOR CURRENT : IC (A)
−1
−2
IC/IB
=80
Ta
= −55
°C
25
°C
150
°C
−20m −50m −100m −200m −500m
−1 −2
−5
−10 −20
−50m
−100m
−200m
−500m
−1
−2
−5
−10
COLLECTOR CURRENT : IC (A)
−10m
−20m
Fig.6 Base-emitter saturation voltage
vs. collector current
IC/IB
=80
Ta
=−55
°C
25
°C
150
°C
5m
10m 20m
50m 100m 200m
500m
12
5
10
EMITTER CURRENT : IE (A)
5
10
20
50
100
200
500
1000
Fig.7 Gain bandwidth product
vs. emitter current
5m
10m 20m
50m 100m 200m
500m
12
5
10
EMITTER CURRENT : IE (A)
5
10
20
50
100
200
500
1000
VCE
= −5V
Ta
=25
°C
f
=50MHz
−0.05 −0.1 −0.2
−0.5
−1
−2
−5
−10 −20
−50
COLLECTOR TO BASE VOLTAGE : VCB (V)
50
20
10
100
200
500
1000
2000
5000
10000
Fig.8 Collector output capacitance
vs. collector-base voltage
IE
=0A
Ta
=25
°C
f
=1MHz
−0.05 −0.1 −0.2
−0.5
−1
−2
−5
−10 −20
−50
EMITTER TO BASE VOLTAGE : VEB (V)
50
20
10
100
200
500
1000
2000
5000
10000
Fig.9 Emitter input capacitance
vs. emitter-base voltage
IC
=0A
Ta
=25
°C
f
=1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com