Electronic Components Datasheet Search
  English  ▼

X  

2SA2070 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA2070
Description  TOSHIBA Transistor Silicon PNP Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2070 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA2070 Datasheet HTML 1Page - Toshiba Semiconductor 2SA2070 Datasheet HTML 2Page - Toshiba Semiconductor 2SA2070 Datasheet HTML 3Page - Toshiba Semiconductor 2SA2070 Datasheet HTML 4Page - Toshiba Semiconductor 2SA2070 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA2070
2004-07-07
1
TOSHIBA Transistor Silicon PNP Epitaxial Type
2SA2070
High-Speed Switching Applications
DC-DC Converter Applications
•
High DC current gain: hFE = 200 to 500 (IC = -0.1 A)
•
Low collector-emitter saturation voltage: VCE (sat) =- 0.20 V (max)
•
High-speed switching: tf = 70 ns (typ.)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−7
V
DC
IC
−1.0
Collector current
Pulse
ICP
−2.0
A
Base current
IB
−0.1
A
DC
1.0
Collector power
dissipation
t = 10 s
PC (Note)
2.0
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Mounted on an FR4 board (glass epoxy, 1.6 mm thick, Cu area:
645 mm
2)
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −50 V, IE = 0
―
―
−100
nA
Emitter cut-off current
IEBO
VEB = −7 V, IC = 0
―
―
−100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −10 mA, IB = 0
−50
―
―
V
hFE (1)
VCE = −2 V, IC = −0.1 A
200
―
500
DC current gain
hFE (2)
VCE = −2 V, IC = −0.3 A
125
―
―
Collector-emitter saturation voltage
VCE (sat)
IC = −0.3 A, IB = −0.01 mA
―
―
−0.20
V
Base-emitter saturation voltage
VBE (sat)
IC = −0.3 A, IB = −0.01 mA
―
―
−1.10
V
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
―
8
―
pF
Rise time
tr
―
60
―
Storage time
tstg
―
280
―
Switching time
Fall time
tf
See Figure 1.
VCC ≈ −30 V, RL = 100 Ω
IB1 = −IB2 = −10 mA
―
70
―
ns
Unit: mm
JEDEC
―
JEITA
SC-62
TOSHIBA
2-5K1A
Weight: 0.05 g (typ.)


Similar Part No. - 2SA2070

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2070 TOSHIBA-2SA2070 Datasheet
162Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications
2SA2070 TOSHIBA-2SA2070 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SA2070 TOSHIBA-2SA2070_10 Datasheet
162Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications
More results

Similar Description - 2SA2070

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2056 TOSHIBA-2SA2056 Datasheet
191Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type
29-Oct-2001
2SA2058 TOSHIBA-2SA2058 Datasheet
196Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type
29-Oct-2001
RN2907 TOSHIBA-RN2907 Datasheet
188Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN47A5 TOSHIBA-RN47A5 Datasheet
94Kb / 4P
TOSHIBA Transistor Silicon NPN PNP Epitaxial Type
2SA2065 TOSHIBA-2SA2065 Datasheet
135Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type
29-Oct-2001
TPC6602 TOSHIBA-TPC6602 Datasheet
134Kb / 5P
TOSHIBA TRANSISTOR SILICON PNP EPITAXIAL TYPE
18-Mar-2002
RN49A1 TOSHIBA-RN49A1 Datasheet
98Kb / 4P
TOSHIBA Transistor Silicon PNP · NPN Epitaxial Type
16-Jan-2002
2SA1618-GR TOSHIBA-2SA1618-GR Datasheet
214Kb / 4P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1873-GR TOSHIBA-2SA1873-GR Datasheet
226Kb / 3P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
TMBT3906 TOSHIBA-TMBT3906 Datasheet
208Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type
2018-05-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com