Electronic Components Datasheet Search
  English  ▼

X  

COP8SAC7SLB8 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAC7SLB8
Description  8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAC7SLB8 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button COP8SAC7SLB8 Datasheet HTML 40Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 41Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 42Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 43Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 44Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 45Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 46Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 47Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
13.0 Instruction Set (Continued)
13.6 INSTRUCTION SET SUMMARY
ADD
A,Meml
ADD
A←A + Meml
ADC
A,Meml
ADD with Carry
A←A+Meml+C,C←Carry,
HC←Half Carry
SUBC
A,Meml
Subtract with Carry
A←A−MemI+C,C←Carry,
HC←Half Carry
AND
A,Meml
Logical AND
A←A and Meml
ANDSZ
A,Imm
Logical AND Immed., Skip if Zero
Skip next if (A and Imm) = 0
OR
A,Meml
Logical OR
A←A or Meml
XOR
A,Meml
Logical EXclusive OR
A←A xor Meml
IFEQ
MD,Imm
IF EQual
Compare MD and Imm, Do next if MD = Imm
IFEQ
A,Meml
IF EQual
Compare A and Meml, Do next if A = Meml
IFNE
A,Meml
IF Not Equal
Compare A and Meml, Do next if A
≠ Meml
IFGT
A,Meml
IF Greater Than
Compare A and Meml, Do next if A > Meml
IFBNE
#
If B Not Equal
Do next if lower 4 bits of B
≠ Imm
DRSZ
Reg
Decrement Reg., Skip if Zero
Reg←Reg − 1, Skip if Reg = 0
SBIT
#,Mem
Set BIT
1 to bit, Mem (bit = 0 to 7 immediate)
RBIT
#,Mem
Reset BIT
0 to bit, Mem
IFBIT
#,Mem
IF BIT
If bit #, A or Mem is true do next instruction
RPND
Reset PeNDing Flag
Reset Software Interrupt Pending Flag
X
A,Mem
EXchange A with Memory
A
↔Mem
X
A,[X]
EXchange A with Memory [X]
A
↔[X]
LD
A,Meml
LoaD A with Memory
A←Meml
LD
A,[X]
LoaD A with Memory [X]
A←[X]
LD
B,Imm
LoaD B with Immed.
B←Imm
LD
Mem,Imm
LoaD Memory Immed.
Mem←Imm
LD
Reg,Imm
LoaD Register Memory Immed.
Reg←Imm
XA, [B ±]
EXchange A with Memory [B]
A
↔[B], (B←B ±1)
XA, [X ±]
EXchange A with Memory [X]
A
↔[X], (X←X ±1)
LD
A, [B±]
LoaD A with Memory [B]
A←[B], (B←B ±1)
LD
A, [X±]
LoaD A with Memory [X]
A←[X], (X←X±1)
LD
[B±],Imm
LoaD Memory [B] Immed.
[B]←Imm, (B←B±1)
CLR
A
CLeaR A
A←0
INC
A
INCrement A
A←A+1
DEC
A
DECrement A
A←A−1
LAID
Load A InDirect from ROM
A←ROM (PU,A)
DCOR
A
Decimal CORrect A
A←BCD correction of A (follows ADC, SUBC)
RRC
A
Rotate A Right thru C
C→A7→…→A0→C
RLC
A
Rotate A Left thru C
C←A7←…←A0←C, HC←A0
SWAP
A
SWAP nibbles of A
A7…A4
↔A3…A0
SC
Set C
C←1, HC←1
RC
Reset C
C←0, HC←0
IFC
IF C
IF C is true, do next instruction
IFNC
IF Not C
If C is not true, do next instruction
POP
A
POP the stack into A
SP←SP+1,A←[SP]
PUSH
A
PUSH A onto the stack
[SP]←A, SP←SP−1
VIS
Vector to Interrupt Service Routine
PU←[VU], PL←[VL]
JMPL
Addr.
Jump absolute Long
PC←ii (ii = 15 bits, 0 to 32k)
JMP
Addr.
Jump absolute
PC9…0←i(i = 12 bits)
JP
Disp.
Jump relative short
PC←PC+r(ris−31 to +32, except 1)
www.national.com
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com