Electronic Components Datasheet Search
  English  ▼

X  

2SA830S Datasheet(PDF) 2 Page - Rohm

Part # 2SA830S
Description  High-gain Amplifier Transistor (-32V, -0.3A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA830S Datasheet(HTML) 2 Page - Rohm

  2SA830S Datasheet HTML 1Page - Rohm 2SA830S Datasheet HTML 2Page - Rohm 2SA830S Datasheet HTML 3Page - Rohm 2SA830S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB852K / 2SA830S
Transistors
Rev.A
2/3
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCB
= −10V, IE=0A, f=1MHz
fT
−
200
−
MHz
VCE
= −5V, IE=10mA, f=100MHz
BVCBO
−40
−−
V
IC
= −100µA
BVCES
−32
−−
V
IC
= −1mA
BVEBO
−6
−−
V
IE
= −100µA
ICBO
−−
−1
µAVCB= −24V
IEBO
−−
−1
µAVEB= −4.5V
VCE(sat)
5000
−
−−
IC
= −200mA, IB= −0.4mA
hFE
−−
−1.5
V
VCE
= −5V, IC= −0.1A
Cob
−
3
−
pF
∗2
∗1
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
∗1 Measured using pulse current.
∗2 Transition frequency of the device.
Electrical characteristic curves
0
25
50
75
100
125
150
AMBIENT TEMPERATURE : Ta (
°C)
Fig.1 Power dissipation curves
0
25
50
75
100
125
−0.4
−0.8
−1.2
−1.6
−2.0
−2.4
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.2 Ground emitter propagation characteristisc
0
−2
−5
−10
−20
−50
−100
−200
−500 V
CE
= −6V
0
−1
−20
−40
−60
−80
−100
−2
−3
−4
−5
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.3 Ground emitter output characteristics
0
Ta=25
°C
IB=0
−2µA
−3µA
−4µA
−5µA
−6µA
−7µA
−8µA
−9µA
−10µA
−2
−5 −10 −20
−50 −100 −200
−500 −1000 −2000
100000
20000
10000
2000
1000
200
100
500
5000
50000
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain vs. collector current (
Ι )
Ta=25
°C
VCE=
−3V
−5V
−5 −10 −20
−50 −100 −200
−500 −1000 −2000
20000
10000
2000
1000
500
5000
50000
COLLECTOR CURRENT : IC (mA)
Fig.5 DC current gain vs. collector current (
ΙΙ )
VCE=
−5V
Ta=100
°C
25°
C
−55
°C
−5
−10 −20
−50 −100 −200
−500 −1000
−0.1
−0.2
−0.5
−1
−2
−5
−10
−20
COLLECTOR CURRENT : IC (mA)
Fig.6 Collector-emitter saturation voltage
vs. collector current
IC/IB=500
Ta=
−55°C
100
°C
25
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com