Electronic Components Datasheet Search
  English  ▼

X  

2SD1963 Datasheet(PDF) 2 Page - Rohm

Part # 2SD1963
Description  Power Transistor (-50V, -3A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1963 Datasheet(HTML) 2 Page - Rohm

  2SD1963 Datasheet HTML 1Page - Rohm 2SD1963 Datasheet HTML 2Page - Rohm 2SD1963 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB1308
Transistors
Rev.A
2/2
Packaging specifications and hFE
Marking
Code
Package
MPT3
2SB1308
PQR
BF
∗
Basic ordering unit (pieces)
hFE
T100
1000
Type
∗ Denotes hEF
Electrical characteristic curves
Fig.2 DC current gain vs.
collector current
COLLECTOR CURRENT : IC
(A)
VCE
= −2V
−1m
−5m −0.01
−0.05
−1 −2 −5 −10
−2m
100
200
500
1000
2000
5000
50
20
10
5
−0.02
−0.1
−0.5
−0.2
25
°C
−25
°C
Ta
=100
°C
Fig.3
Collector-emitter saturation
voltage vs. collector current
Ta=
100°
C
−25°C
25
°C
lC/lB=40
COLLECTOR CURRENT : IC
(A)
−1 −2
−5 −10
−0.01−0.02
−0.1 −0.2 −0.5
−0.05
−2m −5m
−0.01
−2
−1
−0.5
−0.2
−0.1
−0.05
−0.02
−5
Fig.1
Grounded emitter propagation
characteristics
BASE TO EMITTER VOLTAGE : VBE
(V)
0
−1.4
−1.2
−1.0
−0.8
−0.6
−0.4
−0.2
−1m
−2m
−5m
−0.01
−0.02
−0.2
−0.1
−0.05
−0.5
−1
−2
−10
−5
VCE
= −2V
25
°C
−25
°C
Ta
=100
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com