Electronic Components Datasheet Search
  English  ▼

X  

ADC10461 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC10461
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10461 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC10461 Datasheet HTML 9Page - Texas Instruments ADC10461 Datasheet HTML 10Page - Texas Instruments ADC10461 Datasheet HTML 11Page - Texas Instruments ADC10461 Datasheet HTML 12Page - Texas Instruments ADC10461 Datasheet HTML 13Page - Texas Instruments ADC10461 Datasheet HTML 14Page - Texas Instruments ADC10461 Datasheet HTML 15Page - Texas Instruments ADC10461 Datasheet HTML 16Page - Texas Instruments ADC10461 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ADC10461, ADC10462, ADC10464
www.ti.com
SNAS074E – JUNE 1999 – REVISED MARCH 2013
APPLICATIONS INFORMATION
MODES OF OPERATION
The ADC10461, ADC10462, and ADC10464 have two basic digital interface modes. Figure 4 and Figure 5 are
timing diagrams for the two modes. The ADC10462 and ADC10464 have input multiplexers that are controlled by
the logic levels on pins S0 and S1 when S/H goes low. Table 1 and Table 2 are truth tables showing how the
input channels are assigned.
Mode 1
In this mode, the S/H pin controls the start of conversion. S/H is pulled low for a minimum of 250 ns. This causes
the comparators in the “coarse” flash converter to become active. When S/H goes high, the result of the coarse
conversion is latched and the “fine” conversion begins. After 600 ns (typical), INT goes low, indicating that the
conversion results are latched and can be read by pulling RD low. Note that CS must be low to enable S/H or
RD. CS is internally “ANDed” with S/H and RD; the input voltage is sampled when CS and S/H are low, and data
is read when CS and RD are low. INT is reset high on the rising edge of RD.
Table 1. Input Multiplexer Programming ADC10464
S1
S0
Channel
0
0
VIN0
0
1
VIN1
1
0
VIN2
1
1
VIN3
Table 2. Input Multiplexer Programming ADC10462
S0
Channel
0
VIN0
1
VIN1
Mode 2
In Mode 2, also called “RD mode”, the S/H and RD pins are tied together. A conversion is initiated by pulling both
pins low. The A/D converter samples the input voltage and causes the coarse comparators to become active. An
internal timer then terminates the coarse conversion and begins the fine conversion. 850 ns (typical) after S/H
and RD are pull low, INT goes low, indicating that the conversion is completed. Approximately 20 ns later the
data appearing on the TRI-STATE output pins will be valid. Note that data will appear on these pins throughout
the conversion, but until INT goes low the data at the output pins will be the result of the previous conversion.
REFERENCE CONSIDERATIONS
The ADC10461, ADC10462, and ADC10464 each have two reference inputs. These inputs, VREF+ and VREF−, are
fully differential and define the zero to full-scale range of the input signal. The reference inputs can be connected
to span the entire supply voltage range (VREF− = 0V, VREF+ = VCC) for ratiometric applications, or they can be
connected to different voltages (as long as they are between ground and VCC) when other input spans are
required.
Reducing the overall VREF span to less than 5V increases the sensitivity of the converter (e.g., if VREF = 2V, then
1 LSB = 1.953 mV). Note, however, that linearity and offset errors become larger when lower reference voltages
are used. See Typical Performance Characteristics for more information. For this reason, reference voltages less
than 2V are not recommended.
In most applications, VREF− will simply be connected to ground, but it is often useful to have an input span that is
offset from ground. This situation is easily accommodated by the reference configuration used in the ADC10461,
ADC10462, and ADC10464. VREF− can be connected to a voltage other than ground as long as the voltage
source connected to this pin is capable of sinking the converter's reference current (12.5 mA Max @ VREF = 5V).
If VREF− is connected to a voltage other than ground, bypass it with multiple capacitors.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC10461 ADC10462 ADC10464



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com