Electronic Components Datasheet Search
  English  ▼

X  

ADS5541 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5541
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5541 Datasheet HTML 17Page - Texas Instruments ADS5541 Datasheet HTML 18Page - Texas Instruments ADS5541 Datasheet HTML 19Page - Texas Instruments ADS5541 Datasheet HTML 20Page - Texas Instruments ADS5541 Datasheet HTML 21Page - Texas Instruments ADS5541 Datasheet HTML 22Page - Texas Instruments ADS5541 Datasheet HTML 23Page - Texas Instruments ADS5541 Datasheet HTML 24Page - Texas Instruments ADS5541 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
INPUT CONFIGURATION
R
3
R
1a
L
1
L
2
R
1b
C
1a
C
1b
C
A
CP
1
CP
3
VINCM
1V
CP
4
CP
2
INP
INM
S3a
S3b
S2
S1a
S1b
L1, L2: 6 nH − 10 nH effective
R1a, R1b: 5W − 8W
C1a, C1b: 2.2 pF − 2.6 pF
CP1, CP2: 2.5 pF − 3.5 pF
CP3, CP4: 1.2 pF − 1.8 pF
CA: 0.8 pF − 1.2 pF
R3: 80 W − 120 W
Swithches: S1a, S1b: On Resistance: 35 W − 50 W
S2: On Resistance: 7.5 W − 15 W
S3a, S3b: On Resistance: 40 W − 60 W
All switches OFF Resistance: 10 GW
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
clock cycle. This process results in a data latency of
17.5 clock cycles, after which the output data is
available as a 14-bit parallel word, coded in either
The ADS5541 is a low-power, 14-bit, 105MSPS,
straight offset binary or binary two’s complement
CMOS,
switched
capacitor,
pipeline
ADC
that
format.
operates from a single 3.3V supply. The conversion
process is initiated by a falling edge of the external
input clock. Once the signal is captured by the input
S&H, the input sample is sequentially converted by a
The analog input for the ADS5541 consists of a
series of small resolution stages, with the outputs
differential
sample-and-hold
architecture
combined in a digital correction logic block. Both the
implemented using the switched capacitor technique
rising and the falling clock edges are used to
shown in Figure 39.
propagate the sample through the pipeline every half
NOTE: All Switches are ON in sampling phase, which is approximately one-half of a clock period.
Figure 39. Analog Input Stage
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com