Electronic Components Datasheet Search
  English  ▼

X  

CER0359B Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0359B
Description  Surface mount, silver (Ag) coated ceramic filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0359B Datasheet(HTML) 1 Page - CTS Corporation

  CER0359B Datasheet HTML 1Page - CTS Corporation CER0359B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0359B
1176 MHz BPF
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Features
• Low Loss
• Excellent Rejection
Description
Surface mount, silver (Ag) coated ceramic
filter.
Weight: 1.0 grams typical
Material: Filter is composed of a ceramic
block coated with Ag.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to measurement
repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
- CTS Electronic Components - www.ctscorp.com - 4800 Alameda Blvd NE – Albuquerque, NM 87113 -
-
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US
6,834,429.Other US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”
Parameter
Frequency
MHz
Typical
@ 25ºC
Specification
@ 25ºC
Passband Iloss
1131 - 1221
-1.0
-1.5
Passband Flatness (CTS Ripple)
1131 - 1221
0.2
0.5
Passband Ripple
1131 - 1221
0.1
0.3
Passband Return Loss @ Port 1
1131 - 1221
-15.0
-13.0
Passband Return Loss @ Port 2
1131 - 1221
-15.0
-13.0
Passband Group Delay
1131 - 1221
5.0
7.0
Attenuation
0.1 - 650
-50.0
-40.0
1000
-43.0
-40.0
1400
-43.0
-40.0
1700
-42.0
-40.0
Power into any port
1 Watt max
Revision A – Origin Date: July 28, 2011 – Revision Date: July 28, 2011


Similar Part No. - CER0359B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0357B CTS-CER0357B Datasheet
59Kb / 2P
Surface mount, silver (Ag) coated ceramic filter
CER0357C CTS-CER0357C Datasheet
59Kb / 2P
Surface mount, silver (Ag) coated ceramic filter
CER0358B CTS-CER0358B Datasheet
60Kb / 2P
Surface mount, silver (Ag) coated ceramic filter
More results

Similar Description - CER0359B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0186A CTS-CER0186A Datasheet
103Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0202A CTS-CER0202A Datasheet
276Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0206A CTS-CER0206A Datasheet
144Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0213C CTS-CER0213C Datasheet
61Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0220A CTS-CER0220A Datasheet
62Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0230A CTS-CER0230A Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0231A CTS-CER0231A Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com