Electronic Components Datasheet Search
  English  ▼

X  

CER0366A Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0366A
Description  Surface mount, silver (Ag) coated ceramic filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0366A Datasheet(HTML) 1 Page - CTS Corporation

  CER0366A Datasheet HTML 1Page - CTS Corporation CER0366A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0366A
1747.5 MHz Monoblock LR Series BPF
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to measurement
repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Parameter
Frequency
(MHz)
Typical @
25ºC
Specification
@ 25ºC
Spec. over
-40ºC to +85ºC
Passband Insertion Loss
1710 - 1785
1.7 dB
2.2 dB
2.5 dB
Passband Ripple
1710 - 1785
0.6 dB
0.8 dB
1.0 dB
Passband Return Loss
1710 - 1785
15.0 dB
12.0 dB
12.0 dB
Attenuation:
1610 - 1690
34.0 dB
30.0 dB
30.0 dB
1691 - 1700
12.5 dB
10.0 dB
10.0 dB
1805 - 1880
28.5 dB
25.0 dB
25.0 dB
2000 - 2200
33.0 dB
30.0 dB
30.0 dB
2200 - 3000
23.0 dB
15.0 dB
18.0 dB
Power into any port
2 Watt max.
Electrical Specifications
Features
• Low Ripple
• High Rejection
• Low Loss
Description
Surface mount, silver (Ag) coated ceramic
filter. Developed for use in DCS repeater and
base station applications, CTS Monoblock LR
Series Filters are designed to minimize ripple
and maximize rejection.
Weight: 9.5 grams typical
Material: Filter is composed of a ceramic
block coated with Ag and a shield made of
nickel silver plated steel.
Filter complies with RoHS standards.
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US 6,834,429.Other
US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”
Rev 3 – Origin Date: March 7, 2006 – Revision Date: August 3, 2007


Similar Part No. - CER0366A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0362A CTS-CER0362A Datasheet
61Kb / 2P
Surface mount, silver (Ag) coated ceramic filter
CER0367A CTS-CER0367A Datasheet
97Kb / 2P
Surface mount, silver (Ag) coated barium filter
CER0368A CTS-CER0368A Datasheet
66Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
CER0369A CTS-CER0369A Datasheet
94Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
More results

Similar Description - CER0366A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0186A CTS-CER0186A Datasheet
103Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0202A CTS-CER0202A Datasheet
276Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0206A CTS-CER0206A Datasheet
144Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0213C CTS-CER0213C Datasheet
61Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0220A CTS-CER0220A Datasheet
62Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0230A CTS-CER0230A Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0231A CTS-CER0231A Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com