Electronic Components Datasheet Search
  English  ▼

X  

1SS86 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 1SS86
Description  Silicon Schottky Barrier Diode for UHF TV Tuner Mixer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

1SS86 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  1SS86 Datasheet HTML 1Page - Hitachi Semiconductor 1SS86 Datasheet HTML 2Page - Hitachi Semiconductor 1SS86 Datasheet HTML 3Page - Hitachi Semiconductor 1SS86 Datasheet HTML 4Page - Hitachi Semiconductor 1SS86 Datasheet HTML 5Page - Hitachi Semiconductor 1SS86 Datasheet HTML 6Page - Hitachi Semiconductor 1SS86 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1SS86
Silicon Schottky Barrier Diode for UHF TV Tuner Mixer
ADE-208-186B (Z)
Rev. 2
Oct. 2000
Features
• Low capacitance. (C = 0.85 pF max)
• High reliability with glass seal.
Ordering Information
Type No.
Cathode band
2nd band
Mark
Package Code
1SS86
White
White
H
DO-35
Pin Arrangement
1
2
Cathode band
2nd band
1. Cathode
2. Anode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com