Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 1 Page - Texas Instruments

Part # OrderableDevice
Description  5.0V Reference Diode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 1 Page - Texas Instruments

  OrderableDevice Datasheet HTML 1Page - Texas Instruments OrderableDevice Datasheet HTML 2Page - Texas Instruments OrderableDevice Datasheet HTML 3Page - Texas Instruments OrderableDevice Datasheet HTML 4Page - Texas Instruments OrderableDevice Datasheet HTML 5Page - Texas Instruments OrderableDevice Datasheet HTML 6Page - Texas Instruments OrderableDevice Datasheet HTML 7Page - Texas Instruments OrderableDevice Datasheet HTML 8Page - Texas Instruments OrderableDevice Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM136-5.0QML, LM136A-5.0QML
www.ti.com
SNVS352B – APRIL 2008 – REVISED MARCH 2013
LM136A-5.0QML
LM136-5.0QML 5.0V Reference Diode
Check for Samples: LM136-5.0QML, LM136A-5.0QML
1
FEATURES
DESCRIPTION
The
LM136A-5.0QML/LM136-5.0QML
integrated
2
•
Adjustable 4V to 6V
circuits are precision 5.0V shunt regulator diodes.
•
Low Temperature Coefficient
These monolithic IC voltage references operate as a
•
Wide Operating Current of 600
μA to 10 mA
low temperature coefficient 5.0V zener with 0.6
Ω
dynamic impedance. A third terminal on the LM136-
•
0.6
Ω Dynamic Impedance
5.0 allows the reference voltage and temperature
•
Ensured Temperature Stability
coefficient to be trimmed easily.
•
Easily Trimmed for Minimum Temperature Drift
The LM136-5.0 series is useful as a precision 5.0V
•
Fast Turn-On
low voltage reference for digital voltmeters, power
•
Three Lead Transistor Package
supplies or op amp circuitry. The 5.0V makes it
convenient to obtain a stable reference from low
voltage
supplies.
Further,
since
the
LM136-5.0
operates as a shunt regulator, it can be used as
either a positive or negative voltage reference.
Connection Diagram
Figure 1. Bottom View
3-Lead TO
Metal Can Package
See NDV0003H Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OrderableDevice

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OrderableDevice TI1-OrderableDevice Datasheet
1Mb / 25P
CMOS Dual Operational Amplifier
OrderableDevice TI1-OrderableDevice Datasheet
4Mb / 76P
TLV9051 / TLV9052 / TLV9054 5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
More results

Similar Description - OrderableDevice

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM136-50 NSC-LM136-50 Datasheet
216Kb / 11P
5.0V Reference Diode
logo
Zetex Semiconductors
ZRT050 ZETEX-ZRT050 Datasheet
169Kb / 4P
5.0V LOW POWER PRECISION REFERENCE SOURCE
logo
National Semiconductor ...
LM136-5.0 NSC-LM136-5.0 Datasheet
261Kb / 12P
5.0V Reference Diode
logo
Intersil Corporation
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
Precision 5.0V FGA Voltage Reference
March 14, 2005
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
Precision 5.0V FGA Voltage Reference
March 14, 2005
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
Precision 5.0V FGA Voltage Reference
March 14, 2005
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
Precision 5.0V FGA??Voltage Reference
June 2, 2006
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
Precision 5.0V FGA??Voltage Reference
June 2, 2006
logo
Texas Instruments
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0 TI-LM136-5.0_15 Datasheet
432Kb / 14P
LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com