Electronic Components Datasheet Search
  English  ▼

X  

2N3020 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N3020
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3020 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N3020 Datasheet HTML 1Page - Continental Device India Limited 2N3020 Datasheet HTML 2Page - Continental Device India Limited 2N3020 Datasheet HTML 3Page - Continental Device India Limited 2N3020 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
2N3019
2N3020
TO-39
Metal Can Package
Designed for use in General Purpose Amplifier and High Speed Switching Applications
These Transistors are also Suitable for High Current Amplifier Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector Emitter Voltage
VCEO
80
V
Collector Base Voltage
VCBO
140
V
Emitter Base Voltage
VEBO
7
V
Collector Current
ICM
1
A
Power Dissipation @ Ta=25º C
PD
800
mW
Power Dissipation@ Tc=25ºC
5
W
Junction Temperature
Tj
+200
ºC
Storage Temperature
Tstg
-65 to +200
ºC
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
218.7
ºC/W
Junction to Case
Rth(j-c)
35
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Collector Emitter Breakdown Voltage
BVCEO *
IC=30mA,IB=0
80
V
Collector Base Breakdown Voltage
BVCBO
IC=100µA, IE=0
140
V
Emitter Base Breakdown Voltage
BVEBO
IE=100µA, IC =O
7
V
Collector Leakage Current
ICBO
VCB=90V, IE=0
10
nΑ
VCB=90V, IE=0, Ta=150ºC
10
µ
A
Emitter Leakage Current
IEBO
VEB=5V, IC=0
10
nΑ
Collector Emitter Saturation Voltage
VCE(sat) *
IC =150mA, IB =15mA
0.2
V
IC =500mA, IB =50mA
0.5
V
Base Emitter Saturation Voltage
VBE(sat) *
IC=150mA, IB =15mA
1.1
V
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - 2N3020

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3020 BOCA-2N3020 Datasheet
138Kb / 3P
GENERAL TRANSISTOR NPN SILICON
logo
Micro Electronics
2N3020 MICRO-ELECTRONICS-2N3020 Datasheet
144Kb / 2P
NPN SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
2N3020 CENTRAL-2N3020 Datasheet
55Kb / 1P
Small Signal Transistors
logo
Comset Semiconductor
2N3020 COMSET-2N3020 Datasheet
176Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Seme LAB
2N3020 SEME-LAB-2N3020 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
More results

Similar Description - 2N3020

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com