Electronic Components Datasheet Search
  English  ▼

X  

2N3637 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3637
Description  PNP SILICON AMPLIFIER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3637 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3637 Datasheet HTML 1Page - Microsemi Corporation 2N3637 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3634, L, 2N3635, L, 2N3636, L, 2N3637, L JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio
IC = 0.1 mAdc, VCE = 10 Vdc
2N3634, 2N3636
IC = 1.0 mAdc, VCE = 10 Vdc
IC = 10 mAdc, VCE = 10 Vdc
IC = 50 mAdc, VCE = 10 Vdc
IC = 150 mAdc, VCE = 10 Vdc
IC = 0.1 mAdc, VCE = 10 Vdc
2N3635, 2N3637
IC = 1.0 mAdc, VCE = 10 Vdc
IC = 10 mAdc, VCE = 10 Vdc
IC = 50 mAdc, VCE = 10 Vdc
IC = 150 mAdc, VCE = 10 Vdc
hFE
hFE
25
45
50
50
30
55
90
100
100
60
150
300
Collector-Emitter Saturation Voltage
IC = 10 mAdc, IB = 1.0 mAdc
IC = 50 mAdc, IB = 5.0 mAdc
VCE(sat)
0.3
0.6
Vdc
Base-Emitter Saturation Voltage
IC = 10 mAdc, IB = 1.0 mAdc
IC = 50 mAdc, IB = 5.0 mAdc
VBE(sat)
0.65
0.8
0.9
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio
IC = 30 mAdc, VCE = 30 Vdc, f = 100 MHz
2N3634, 2N3636
2N3635, 2N3637
h
fe
1.5
2.0
8.0
8.5
Forward Current Transfer Ratio
IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz
2N3634, 2N3636
2N3635, 2N3637
hfe
40
80
160
320
Small-Signal Short-Circuit Input Impedance
IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz
2N3634, 2N3636
2N3635, 2N3637
hje
100
200
600
1200
Ω
Ω
Small-Signal Open-Circuit Output Admittance
IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz
hoe
200
µs
Output Capacitance
VCB = 20 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
10
pF
Input Capacitance
VEB = 1.0 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cibo
75
pF
Noise Figure
VCE = 10 Vdc, IC = 0.5 mAdc, Rg = 1.0 Ω
f = 100 Hz
f = 1.0 kHz
f = 10 kHz
NF
5.0
3.0
3.0
dB
SAFE OPERATING AREA
DC Tests
TC = 25
0C, 1 Cycle, t = 1.0 s
Test 1
VCE = 100 Vdc, IC = 30 mAdc
2N3634, 2N3635
VCE = 130 Vdc, IC = 20 mAdc
2N3636, 2N3637
Test 2
VCE = 50 Vdc, IC = 95 mAdc
Test 3
VCE = 5.0 Vdc, IC = 1.0 Adc
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com