Electronic Components Datasheet Search
  English  ▼

X  

BQ2003 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2003
Description  Fast-Charge IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2003 Datasheet(HTML) 2 Page - Texas Instruments

  BQ2003 Datasheet HTML 1Page - Texas Instruments BQ2003 Datasheet HTML 2Page - Texas Instruments BQ2003 Datasheet HTML 3Page - Texas Instruments BQ2003 Datasheet HTML 4Page - Texas Instruments BQ2003 Datasheet HTML 5Page - Texas Instruments BQ2003 Datasheet HTML 6Page - Texas Instruments BQ2003 Datasheet HTML 7Page - Texas Instruments BQ2003 Datasheet HTML 8Page - Texas Instruments BQ2003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Pin Descriptions
CCMD,
DCMD
Charge initiation and discharge-before-
charge control inputs
These two inputs control the conditions that
begin a new charge cycle and enable
discharge-before-charge. See Table 1.
DVEN
-
∆V enable input
This input enales/disables -
∆V charge termina-
tion. If DVEN is high, the -
∆V test is enabled.
If DVEN is low, -
∆V test is disabled. The state
of DVEN may be changed at any time.
TM1–
TM2
Timer mode inputs
TM1 and TM2 are three-state inputs that con-
figure the fast charge safety timer, -
∆V hold-
off time, and that enhance/disable top-off.
See Table 2.
TS
Temperature sense input
Input, referenced to SNS, for an external
thermistor monitoring battery temperature.
BAT
Single-cell voltage input
The battery voltage sense input, referenced
to SNS. This is created by a high-impedance
resistor divider network connected between
the positive and the negative terminals of
the battery.
Vss
Ground
SNS
Charging current sense input
SNS controls the switching of MOD based on
the voltage across an external sense resistor
in the current path of the battery. SNS is the
reference potential for the TS and BAT pins.
If SNS is connected to VSS, MOD switches
high at the beginning of charge and low at
the end of charge.
TCO
Temperature cutoff threshold input
Input to set maximum allowable battery
temperature.
If the potential between TS
and SNS is less than the voltage at the TCO
input, then fast charge or top-off charge is
terminated.
MCV
Maximum-Cell-Voltage threshold input
Input to set maximum single-cell equivalent
voltage. If the voltage between BAT and SNS
is greater than or equal to the voltage at the
MCV input, then fast charge or top-off charge
is inhibited.
Note: For valid device operation, the
voltage level on MCV must not exceed
0.6
∗ VCC.
TEMP
Temperature status output
Push-pull output indicating temperature
status. TEMP is low if the voltage at the TS
pin is not within the allowed range to start
fast charge.
CHG
Charging status output
Push-pull output indicating charging status.
See Figure 1.
MOD
Current-switching control output
MOD is a push/pull output that is used to
control the charging current to the battery.
MOD switches high to enable charging cur-
rent flow and low to inhibit charging current
flow.
DIS
Discharge FET control output
Push-pull output used to control an external
transistor to discharge the battery before
charging.
VCC
VCC supply input
5.0 V, ±10% power input.
2
bq2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com