Electronic Components Datasheet Search
  English  ▼

X  

BQ2003STR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2003STR
Description  Fast-Charge IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2003STR Datasheet(HTML) 3 Page - Texas Instruments

  BQ2003STR Datasheet HTML 1Page - Texas Instruments BQ2003STR Datasheet HTML 2Page - Texas Instruments BQ2003STR Datasheet HTML 3Page - Texas Instruments BQ2003STR Datasheet HTML 4Page - Texas Instruments BQ2003STR Datasheet HTML 5Page - Texas Instruments BQ2003STR Datasheet HTML 6Page - Texas Instruments BQ2003STR Datasheet HTML 7Page - Texas Instruments BQ2003STR Datasheet HTML 8Page - Texas Instruments BQ2003STR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Functional Description
Figure 3 shows a state diagram and Figure 4 shows a
block diagram of the bq2003.
Battery Voltage and Temperature
Measurements
Battery voltage and temperature are monitored for
maximum allowable values. The voltage presented on
the battery sense input, BAT, should represent a
single-cell potential for the battery under charge.
A
resistor-divider ratio of:
RB1
RB2
= N - 1
is recommended to maintain the battery voltage within
the valid range, where N is the number of cells, RB1 is
the resistor connected to the positive battery terminal,
and RB2 is the resistor connected to the negative bat-
tery terminal. See Figure 1.
Note: This resistor-divider network input impedance to
end-to-end should be at least 200k
Ω and less than 1MΩ.
A ground-referenced negative temperature coefficient
thermistor placed in proximity to the battery may be used
as a low-cost temperature-to-voltage transducer. The tem-
perature sense voltage input at TS is developed using a re-
sistor-thermistor network between VCC and battery’s nega-
tive terminal See Figure 1. Both the BAT and TS inputs
are referenced to SNS, so the signals used inside the IC are:
VBAT -VSNS =VCELL
and
VTS -VSNS =VTEMP
3
Table 1. New Charge Cycle and Discharge Stimulus
CCMD
DCMD
New Charge Cycle
Started by:
Discharge-Before-Charge
Started by:
Pulled Up/Down to:
VSS
VSS
VCC rising to valid level
A rising edge on DCMD
Battery replacement
(VCELL falling through VMCV)
A rising edge on CCMD
VCC
VCC
VCC rising to valid level
A rising edge on DCMD
Battery replacement
(VCELL falling through VMCV)
A falling edge on CCMD or DCMD
VCC
VSS
A rising edge on CCMD
A rising edge on DCMD
VSS
VCC
A falling edge on CCMD
A rising edge on DCMD
bq2003
Fg2003a2.eps
N
T
C
bq2003
VCC
PACK +
PACK -
TS
SNS
RT1
RT2
RB2
RB1
bq2003
VDC
External Trickle Resistor
Negative Temperature
Coefficient Thermister
Pass Element
PACK+
PACK-
MOD
BAT
SNS
Figure 1. Voltage and Temperature Monitoring and Trickle Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com