Electronic Components Datasheet Search
  English  ▼

X  

BQ2016DBQ Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2016DBQ
Description  GAS GAUGE IC FOR HIGH DISCHARGE RATES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2016DBQ Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ2016DBQ Datasheet HTML 12Page - Texas Instruments BQ2016DBQ Datasheet HTML 13Page - Texas Instruments BQ2016DBQ Datasheet HTML 14Page - Texas Instruments BQ2016DBQ Datasheet HTML 15Page - Texas Instruments BQ2016DBQ Datasheet HTML 16Page - Texas Instruments BQ2016DBQ Datasheet HTML 17Page - Texas Instruments BQ2016DBQ Datasheet HTML 18Page - Texas Instruments BQ2016DBQ Datasheet HTML 19Page - Texas Instruments BQ2016DBQ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
bq2016
GAS GAUGE IC FOR
HIGH DISCHARGE RATES
SLUS475A– JANUARY 2001 – REVISED NOVEMBER 2002
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
registers (continued)
MCV
The bq2016 sets the MCV bit when it detects that the maximum cell voltage threshold is being exceeded.
Bit = Condition
0
Cell voltage is below the threshold.
1
Cell voltage is above the threshold.
CI
The bq2016 sets the CI bit on reset and when the CPI register exceeds 64.
Bit = Condition
0
An LMD update has occurred.
1
The bq2016 has been reset or the CPI register exceeds 64.
VDQ
The bq2016 sets the VDQ bit when the present discharge cycle is considered valid for an LMD update.
Bit = Condition
0
The present discharge cycle is not valid for an LMD update.
1
The present discharge cycle is valid for an LMD update.
Bit 2 is reserved.
EDV
The bq2016 sets the EDV bit when the battery voltage drops below the EDV threshold. The bit is latched and
remains set until valid charge activity is detected.
Bit = Condition
0
The battery voltage is greater than the EDV threshold.
1
The battery voltage is less than the EDV threshold.
OCE
The bq2016 sets the OCE bit when an VFC offset calibration has been performed.
Bit = Condition
0
Offset calibration not completed
1
Offset calibration completed
TEMP (0x02) – Temperature
The TEMP register contains the battery temperature as computed using the internal temperature sensor of the
bq2016. It is represented in degrees C. The data is an 8-bit signed integer. For example, –10
°C is represented
as F6h.
NAC (0x03) – Nominal Available Capacity
NAC is an 8-bit register that contains the present remaining capacity of the battery pack. The NAC contents are
compensated for rate and temperature. The data is represented in the same units as PFC.
LMD (0x05) – Last Measured Discharge
LMD stores the learned discharge capacity of the battery pack and represents the full charge reference. The
8-bit register presents data in the same units as PFC.
FLAGS2 (0x06) – Second Status Flags
The FLAGS2 register provides bq2016 status information. The 8-bit register includes the following status bits:
7
6
5
4
3
2
1
0
RSVD
DR2
DR1
DR0
RSVD
RSVD
RSVD
OVLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com