Electronic Components Datasheet Search
  English  ▼

X  

ADS7890IPFBT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7890IPFBT
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7890IPFBT Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS7890IPFBT Datasheet HTML 17Page - Texas Instruments ADS7890IPFBT Datasheet HTML 18Page - Texas Instruments ADS7890IPFBT Datasheet HTML 19Page - Texas Instruments ADS7890IPFBT Datasheet HTML 20Page - Texas Instruments ADS7890IPFBT Datasheet HTML 21Page - Texas Instruments ADS7890IPFBT Datasheet HTML 22Page - Texas Instruments ADS7890IPFBT Datasheet HTML 23Page - Texas Instruments ADS7890IPFBT Datasheet HTML 24Page - Texas Instruments ADS7890IPFBT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ADS7890
SLAS409 − DECEMBER 2003
www.ti.com
21
TIMING AND CONTROL
Refer to the DEVICE OPERATION IN SPI INTERFACE, DEVICE OPERATION IN DSP INTERFACE and
FRAME ABORT in the DESCRIPTION AND TIMING sections.
READING DATA
The ADS7890 outputs serial data in straight binary format as listed in Table 1. Also refer to Figure 1 and Figure
2 for more details.
Table 1. Ideal Input Voltages and Output Codes(1)
DESCRIPTION
ANALOG VALUE
BINARY CODE
HEX CODE
Full scale
Vref − 1 LSB
11 1111 1111 1111
3FFF
Midscale
Vref/2
10 0000 0000 0000
2000
Midscale − 1 LSB
Vref/2 − 1 LSB
01 1111 1111 1111
1FFF
Zero
0 V
00 0000 0000 0000
000
(1) Full-scale range = Vref and least significant bit (LSB) = Vref/16384
Reset
Refer to the POWERDOWN/RESET section for the device reset sequence.
It is recommended to reset the device after power on. A reset can be issued once the power has reached 95%
of its final value.
PWD/RST
is an asynchronous active low input signal. A current conversion is aborted no later than 45 ns after
the converter is in the reset mode. In addition, the device output SDO goes to three-state. The converter returns
back to normal operation mode immediately after the PWD/RST input is brought high.
Data is not valid for the first four conversions after a device reset.
Powerdown
Refer to the POWERDOWN/RESET section for the device powerdown sequence.
The device enters powerdown mode if a PWD/RST low duration is extended for more than a period of tw4.
The converter goes back to normal operation mode no later than a period of td6 after the PWD/RST input is
brought high.
After this period, normal conversion and sampling operation can be started as discussed in previous sections.
Data is not valid for the first four conversions after a device reset.
Nap Mode
The device enters nap mode at the end of every conversion (with BUSY falling edge). The device powers up
again on the 8th SDO rising edge in the next frame. Refer to Figure 1 and Figure 2 for more information. The
power dissipation during nap mode is 10 mW. This offers power savings when the device is operated at lower
throughput. Refer to Figure 28 for more information on power saving.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com