Electronic Components Datasheet Search
  English  ▼

X  

ADS7891IPFBT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7891IPFBT
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7891IPFBT Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS7891IPFBT Datasheet HTML 8Page - Texas Instruments ADS7891IPFBT Datasheet HTML 9Page - Texas Instruments ADS7891IPFBT Datasheet HTML 10Page - Texas Instruments ADS7891IPFBT Datasheet HTML 11Page - Texas Instruments ADS7891IPFBT Datasheet HTML 12Page - Texas Instruments ADS7891IPFBT Datasheet HTML 13Page - Texas Instruments ADS7891IPFBT Datasheet HTML 14Page - Texas Instruments ADS7891IPFBT Datasheet HTML 15Page - Texas Instruments ADS7891IPFBT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
ADS7891
SLAS410 − DECEMBER 2003
www.ti.com
12
t(acq) + 60 ns
A_PWD
BUSY
SAMPLE
(Internal)
NAP
(Internal Active High)
NOTE: The SAMPLE (Internal) signal is generated as described in the Sampling and Conversion
Start section.
Figure 10. Device Operation While A_PWD is Toggling
POWERDOWN/RESET
A low level on the PWD/RST pin puts the device in the powerdown phase. This is an asynchronous signal. As
shown in Figure 11, the device is in the reset phase for the first tw6 period after a high-to-low transition of
PWD/RST.
During this period the output code is 3F80 (hex) to indicate that the device is in the reset phase. The
device powers down if the PWD/RST pin continues to be low for a period of more than tw7. Data is not valid for
the first four conversions after a power-up (see Figure 11) or an end of reset (see Figure 12). The device is
initialized during the first four conversions.
Power Down
Phase
11 1111 1000 0000
12
3
4
5
PWD/RST
BUSY
D13−D0
td13
tw7
First 4 Invalid Conversions
Valid Conversions
RESET Phase
Invalid Data
Valid Data
Figure 11. Device Power Down
11 1111 1000 0000
12
3
4
5
PWD/RST
BUSY
D13−D0
tw6
First 4 Invalid Conversions
Valid Conversions
RESET Phase
Invalid Data
Valid Data
45 ns
Figure 12. Device Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com