Electronic Components Datasheet Search
  English  ▼

X  

ADS8321 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8321
Description  16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8321 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8321 Datasheet HTML 7Page - Texas Instruments ADS8321 Datasheet HTML 8Page - Texas Instruments ADS8321 Datasheet HTML 9Page - Texas Instruments ADS8321 Datasheet HTML 10Page - Texas Instruments ADS8321 Datasheet HTML 11Page - Texas Instruments ADS8321 Datasheet HTML 12Page - Texas Instruments ADS8321 Datasheet HTML 13Page - Texas Instruments ADS8321 Datasheet HTML 14Page - Texas Instruments ADS8321 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ADS8321
11
SBAS123B
www.ti.com
Figure 8 shows the current consumption of the ADS8321
versus sample rate. For this graph, the converter is clocked
at 2.4MHz regardless of the sample rate—CS is HIGH for
the remaining sample period. Figure 9 also shows current
consumption versus sample rate. However, in this case, the
DCLOCK period is 1/24th of the sample period—CS is
HIGH for one DCLOCK cycle out of every 16.
There is an important distinction between the power-down
mode that is entered after a conversion is complete and the
full power-down mode which is enabled when CS is HIGH.
CS LOW will shut down only the analog section. The digital
section is completely shutdown only when CS is HIGH.
Thus, if CS is left LOW at the end of a conversion and the
converter is continually clocked, the power consumption
will not be as low as when CS is HIGH. See Figure 10 for
more information.
SHORT CYCLING
Another way of saving power is to utilize the CS signal to
short cycle the conversion. Because the ADS8321 places the
latest data bit on the DOUT line as it is generated, the
converter can easily be short cycled. This term means that
the conversion can be terminated at any time. For example,
if only 14 bits of the conversion result are needed, then the
conversion can be terminated (by pulling CS HIGH) after
the 14th bit has been clocked out.
This technique can be used to lower the power dissipation
(or to increase the conversion rate) in those applications
where an analog signal is being monitored until some con-
dition becomes true. For example, if the signal is outside a
predetermined range, the full 16-bit conversion result may
not be needed. If so, the conversion can be terminated after
the first n bits, where n might be as low as 3 or 4. This results
in lower power dissipation in both the converter and the rest
of the system, as they spend more time in the power-down
mode.
LAYOUT
For optimum performance, care should be taken with the
physical layout of the ADS8321 circuitry. This will be
particularly true if the reference voltage is low and/or the
conversion rate is high. At a 100kHz conversion rate, the
ADS8321 makes a bit decision every 416ns. That is, for each
subsequent bit decision, the digital output must be updated
with the results of the last bit decision, the capacitor array
appropriately switched and charged, and the input to the
comparator settled to a 16-bit level all within one clock
cycle.
The basic SAR architecture is sensitive to spikes on the
power supply, reference, and ground connections that occur
just prior to latching the comparator output. Thus, during
any single conversion for an n-bit SAR converter, there are
n “windows” in which large external transient voltages can
easily affect the conversion result. Such spikes might origi-
nate from switching power supplies, digital logic, and high
FIGURE 8. Maintaining fCLK at the Highest Possible Rate
Allows Supply Current to Drop Linearly with
Sample Rate.
FIGURE 9. Scaling fCLK Reduces Supply Current Only
Slightly with Sample Rate.
FIGURE 10. Shutdown Current with CS HIGH is 50nA
Typically, Regardless of the Clock. Shutdown
Current with CS LOW Varies with Sample
Rate.
1000
100
10
1
0.1
1
10
100
Sample Rate (kHz)
T
A = 25°C
V
CC = 5.0V
V
REF = 2.5V
f
CLK = 2.4MHz
1000
100
10
1
0.1
1
10
100
Sample Rate (kHz)
T
A = 25°C
V
CC = 5.0V
V
REF = 2.5V
f
CLK = 24 • fSAMPLE
1000
800
600
400
200
0.250
0.00
0.1
1
10
100
Sample Rate (kHz)
T
A = 25°C
V
CC = 5.0V
V
REF = 2.5V
f
CLK = 24 • fSAMPLE
CS LOW (GND)
CS HIGH (V
CC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com