Electronic Components Datasheet Search
  English  ▼

X  

ADS8322Y/2K Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8322Y/2K
Description  16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8322Y/2K Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS8322Y/2K Datasheet HTML 8Page - Texas Instruments ADS8322Y/2K Datasheet HTML 9Page - Texas Instruments ADS8322Y/2K Datasheet HTML 10Page - Texas Instruments ADS8322Y/2K Datasheet HTML 11Page - Texas Instruments ADS8322Y/2K Datasheet HTML 12Page - Texas Instruments ADS8322Y/2K Datasheet HTML 13Page - Texas Instruments ADS8322Y/2K Datasheet HTML 14Page - Texas Instruments ADS8322Y/2K Datasheet HTML 15Page - Texas Instruments ADS8322Y/2K Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ADS8322
SBAS215A – JULY 2001 – REVISED JANUARY 2010
www.ti.com
The AGND and DGND pins should be connected to a
As with the GND connections, VDD should be
clean ground point. In all cases, this point should be
connected to a +5V power supply plane, or trace, that
the analog ground. Avoid connections which are too
is separate from the connection for digital logic until
close to the grounding point of a microcontroller or
they are connected at the power entry point. Power to
digital signal processor. If required, run a ground
the ADS8322 should be clean and well-bypassed. A
trace directly from the converter to the power supply
0.1
μF ceramic bypass capacitor should be placed as
entry point. The ideal layout will include an analog
close to the device as possible. In addition, a 1
μF to
ground
plane
dedicated
to
the
converter
and
10
μF capacitor is recommended. If needed, an even
associated analog circuitry.
larger capacitor and a 5
Ω or 10Ω series resistor may
be used to low-pass filter a noisy supply. In some
situations, additional bypassing may be required,
such as a 100
μF electrolytic capacitor, or even a Pi
filter made up of inductors and capacitors—all
designed to essentially low-pass filter the +5V supply,
removing the high-frequency noise.
white space here
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (July, 2001) to Revision A
Page
•
Updated document format to current standards ................................................................................................................... 1
•
Deleted lead temperature specifications from Absolute Maximum Ratings table ................................................................ 2
•
Changed acquisition time specification from .4
μs (max) to 350ns (min) .............................................................................. 3
•
Changed acquisition time specification from .4
μs (max) to 350ns (min) .............................................................................. 6
•
Added Figure 12, Linearity Error and Differential Linearity Error vs Code ........................................................................... 8
12
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com