Electronic Components Datasheet Search
  English  ▼

X  

2SC4774 Datasheet(PDF) 1 Page - Rohm

Part # 2SC4774
Description  High frequency amplifier transistor RF switching (6V, 50mA)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4774 Datasheet(HTML) 1 Page - Rohm

  2SC4774 Datasheet HTML 1Page - Rohm 2SC4774 Datasheet HTML 2Page - Rohm 2SC4774 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC4774 / 2SC4713K
Transistors
Rev.A
1/2
High frequency amplifier transistor,
RF switching (6V, 50mA)
2SC4774 / 2SC4713K
Features
1) Very low output-on resistance (Ron).
2) Low capacitance.
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
12
6
3
50
0.2
150
−55 to +150
Unit
V
V
V
mA
W
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Packaging specifications and hFE
Type
2SC4774
UMT3
S
BM
∗
T106
3000
2SC4713K
SMT3
S
BM
∗
T146
3000
∗Denotes hFE
Package
hFE
Marking
Code
Basic ordering unit (pieces)
External dimensions (Unit : mm)
2SC4774
ROHM : UMT3
EIAJ : SC-70
ROHM : SMT3
EIAJ : SC-59
2SC4713K
(1) Emitter
(2) Base
(3) Collector
Each lead has same dimensions
1.25
2.1
0.1Min.
(1) Emitter
(2) Base
(3) Collector
Each lead has same dimensions
0.3Min.
2.8
1.6
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
Cob
12
6
3
−
−
−
270
300
−
−
−
−
−
−
−
−
800
1
−
−
−
0.5
0.5
0.3
560
−
1.7
V
V
V
µA
µA
V
−
MHz
pF
IC
=10µA
IC
=1mA
IE
=10µA
VCB
=10V
VEB
=2V
IC/IB
=10mA/1mA
VCE/IC
=5V/5mA
VCE
=5V, IE= −10mA, f=200MHz
VCB
=10V, IE=0A, f=1MHz
Ron
−
2
−Ω
IB
=3mA, VI=100mVrms, f=500kHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Output-on resistance


Similar Part No. - 2SC4774

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4774 ROHM-2SC4774 Datasheet
37Kb / 1P
FOR AUDIO TEMPERATUEE COMPENSATION CIRCUITS
logo
Unisonic Technologies
2SC4774 UTC-2SC4774 Datasheet
98Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA)
logo
Guangdong Kexin Industr...
2SC4774 KEXIN-2SC4774 Datasheet
44Kb / 1P
High Frequency Amplifier
logo
Rohm
2SC4774 ROHM-2SC4774 Datasheet
162Kb / 3P
High frequency amplifier transistor, RF switching (6V, 50mA)
logo
Unisonic Technologies
2SC4774 UTC-2SC4774 Datasheet
240Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING 6V, 50mA)
More results

Similar Description - 2SC4774

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5662 ROHM-2SC5662 Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
logo
Unisonic Technologies
2SC4774 UTC-2SC4774 Datasheet
98Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA)
logo
Rohm
2SC4726 ROHM-2SC4726_1 Datasheet
74Kb / 3P
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC4137 ROHM-2SC4137_09 Datasheet
162Kb / 3P
High frequency amplifier transistor, RF switching (6V, 50mA)
2SC4725 ROHM-2SC4725_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4774 ROHM-2SC4774_09 Datasheet
162Kb / 3P
High frequency amplifier transistor, RF switching (6V, 50mA)
2SC5661 ROHM-2SC5661_09 Datasheet
193Kb / 4P
High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
logo
Unisonic Technologies
2SC4774 UTC-2SC4774_10 Datasheet
240Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING 6V, 50mA)
2SC4774 UTC-2SC4774_15 Datasheet
249Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING
2SK508 UTC-2SK508_15 Datasheet
161Kb / 3P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com