Electronic Components Datasheet Search
  English  ▼

X  

ADS8345EB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8345EB
Description  16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8345EB Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS8345EB Datasheet HTML 10Page - Texas Instruments ADS8345EB Datasheet HTML 11Page - Texas Instruments ADS8345EB Datasheet HTML 12Page - Texas Instruments ADS8345EB Datasheet HTML 13Page - Texas Instruments ADS8345EB Datasheet HTML 14Page - Texas Instruments ADS8345EB Datasheet HTML 15Page - Texas Instruments ADS8345EB Datasheet HTML 16Page - Texas Instruments ADS8345EB Datasheet HTML 17Page - Texas Instruments ADS8345EB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADS8345
SBAS177C
14
www.ti.com
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tACQ
Acquisition Time
1.5
µs
tDS
DIN Valid Prior to DCLK Rising
100
ns
tDH
DIN Hold After DCLK HIGH
10
ns
tDO
DCLK Falling to DOUT Valid
200
ns
tDV
CS Falling to DOUT Enabled
200
ns
tTR
CS Rising to DOUT Disabled
200
ns
tCSS
CS Falling to First DCLK Rising
100
ns
tCSH
CS Rising to DCLK Ignored
0
ns
tCH
DCLK HIGH
200
ns
tCL
DCLK LOW
200
ns
tBD
DCLK Falling to BUSY Rising
200
ns
tBDV
CS Falling to BUSY Enabled
200
ns
tBTR
CS Rising to BUSY Disabled
200
ns
TABLE VI. Timing Specifications (+VCC = +2.7V to 3.6V,
TA = –40°C to +85°C, CLOAD = 50pF).
Since one clock cycle of the serial clock is consumed with
BUSY going HIGH (while the MSB decision is being made),
16 additional clocks must be given to clock out all 16 bits of
data; thus, one conversion takes a minimum of 25 clock
cycles to fully read the data. Since most microprocessors
communicate in 8-bit transfers, this means that an additional
transfer must be made to capture the LSB.
There are two ways of handling this requirement. One is
where the beginning of the next control byte appears at the
same time the LSB is being clocked out of the ADS8345 (see
Figure 6). This method allows for maximum throughput and
24 clock cycles per conversion.
The other method is shown in Figure 8, which uses 32 clock
cycles per conversion; the last seven clock cycles simply
shift out zeros on the DOUT line. BUSY and DOUT go into a
high-impedance state when CS goes HIGH; after the next
CS falling edge, BUSY will go LOW.
Internal Clock Mode
In internal clock mode, the ADS8345 generates its own
conversion clock internally. This relieves the microprocessor
from having to generate the SAR conversion clock and
allows the conversion result to be read back at the processor’s
convenience, at any clock rate from 0MHz to 2.0MHz. BUSY
goes LOW at the start of a conversion and then returns HIGH
when the conversion is complete. During the conversion,
BUSY will remain LOW for a maximum of 8
µs. Also, during
the conversion, DCLK should remain LOW to achieve the
best noise performance. The conversion result is stored in an
internal register; the data may be clocked out of this register
any time after the conversion is complete.
t
ACQ
Acquire
Idle
Conversion
1
DCLK
CS
81
15
DOUT
BUSY
(MSB)
(START)
(LSB)
A2
S
DIN
A1
A0
SGL/
DIF
PD1 PD0
14
13
12
11
10
9
8
7654321
0
81
8
Idle
18
Zero Filled...
If CS is LOW when BUSY goes LOW following a conversion,
the next falling edge of the external serial clock will write out
the MSB on the DOUT line. The remaining bits (D14-D0) will
be clocked out on each successive clock cycle following the
MSB. If CS is HIGH when BUSY goes LOW then the DOUT
line will remain in tri-state until CS goes LOW, as shown in
Figure 9. CS does not need to remain LOW once a conver-
sion has started. Note that BUSY is not tri-stated when CS
goes HIGH in internal clock mode.
Data can be shifted in and out of the ADS8345 at clock rates
exceeding 2.4MHz, provided that the minimum acquisition
time tACQ, is kept above 1.7µs.
Digital Timing
Figure 7 and Tables VI and VII provide detailed timing for the
digital interface of the ADS8345.
t
ACQ
Acquire
Idle
Conversion
1
DCLK
CS
8
9
1011
12
13
14
15
16
17
18
19
2021
22
23
24
25
26
27
2829
30
31
32
15
DOUT
BUSY
(MSB)
(START)
(LSB)
A2
S
DIN
A1
A0
SGL/
DIF
PD1 PD0
14
13
12
11
10
9
8
7654321
0
Zero Filled...
FIGURE 8. External Clock Mode, 32 Clocks Per Conversion.
FIGURE 9. Internal Clock Mode Timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com