Electronic Components Datasheet Search
  English  ▼

X  

ADS8370IBRHPR Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS8370IBRHPR
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8370IBRHPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS8370IBRHPR Datasheet HTML 8Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 9Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 10Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 11Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 12Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 13Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 14Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 15Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
www.ti.com
0
20
40
60
80
100
120
140
0
100
200
300
400
500
600
Normal Mode Current
NAP Mode Current
fs − Sample Rate − KSPS
+VA = 5 .25 V,
+VBD = 5.25 V,
TA = 25°C
100
102
104
106
108
110
112
114
116
4.75
5
5.25
+VA − Analog Supply Voltage − V
+VBD = 5 V,
fs = 600 KSPS
TA = 25°C
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
2.5
3
3.5
4
MAX
MIN
Vref − Reference Voltage − V
+VA = 5 V,
+VBD = 5 V,
TA = 25°C
100
105
110
115
120
−40 −25 −10
5
20
35
50
65
80
TA − Free-Air Temperature − °C
+VA = 5 V,
+VBD = 5 V,
fs = 600 KSPS
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
2.5
3
3.5
4
MAX
MIN
Vref − Reference Voltage − V
+VA = 5 V,
+VBD = 5 V,
TA = 25°C
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−40 −25 −10
5
20
35
50
65
80
MAX
MIN
TA − Free-Air-Temperature − 5C
+VA = 5 V,
+VBD = 5 V,
REFIN = 4.096 V
ADS8370
SLAS450 – JUNE 2005
TYPICAL CHARACTERISTICS (continued)
POWER DISSIPATION
POWER DISSIPATION
vs
vs
SUPPLY VOLTAGE
SAMPLE RATE
Figure 24.
Figure 25.
POWER DISSIPATION
DIFFERENTIAL NONLINEARITY
vs
vs
FREE-AIR TEMPERATURE
REFERENCE VOLTAGE
Figure 26.
Figure 27.
INTEGRAL NONLINEARITY
DIFFERENTIAL NONLINEARITY
vs
vs
REFERENCE VOLTAGE
FREE-AIR TEMPERATURE
Figure 28.
Figure 29.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com