Electronic Components Datasheet Search
  English  ▼

X  

2SC5661 Datasheet(PDF) 3 Page - Rohm

Part # 2SC5661
Description  High-Frequency Amplifier Transistor (18V, 50mA, 1.5GHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5661 Datasheet(HTML) 3 Page - Rohm

  2SC5661 Datasheet HTML 1Page - Rohm 2SC5661 Datasheet HTML 2Page - Rohm 2SC5661 Datasheet HTML 3Page - Rohm 2SC5661 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5661 / 2SC4725 / 2SC4082 / 2SC3837K
Transistors
Rev.A
3/3
02
4
6
8
10
12
0
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.10 Noise factor vs. collector voltage
15
5
10
25
20
30
Ta
=25°C
IC
=2mA
f
=200MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com