Electronic Components Datasheet Search
  English  ▼

X  

CER0836B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0836B
Description  Surface mount, silver (Ag) coated ceramic filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0836B Datasheet(HTML) 2 Page - CTS Corporation

  CER0836B Datasheet HTML 1Page - CTS Corporation CER0836B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0836B
5597.5 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com – 4800 Alameda Blvd NE - Albuquerque, NM 87113 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Customer Feed Direction
DIMENISION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REELWEIGHT
kg
1.7
REEL QUANTITY
ea.
1000
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.945" / 24.0
.177"/4.50
0.336" / 9.3 0.132" / 3.35
0.315" /8.0
Product Marking
CTS
36B
YWW
-80
-70
-60
-50
-40
-30
-20
-10
0
4600 4900 5200 5500 5800 6100 6400 6700 7000
-40
-30
-20
-10
0
10
20
30
40
Dim Nominal (mm)
Tolerance (mm)
+/- or max
A
8.97
Max
B
3.43
Max
C
0.89
0.13
D
0.40
0.13
E
0.40
0.13
F
2.70
0.25
G
2.70
0.25
H
3.10
Max
I
0.89
0.13
J
0.96
Max
Revision A – Origin Date: July 29, 2011 – Revision Date: July 29, 2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com