Electronic Components Datasheet Search
  English  ▼

X  

IRF1404 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRF1404
Description  isc N-Channel Mosfet Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF1404 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF1404 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF1404 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc websit
e:
:
:
: www.iscsemi.com
isc
& iscsemi is registered trademark
1
isc
N-Channel MOSFET Transistor
IRF1404
FEATURES
·
·
·
·Drain Current –ID= 162A@ TC=25℃
·Drain Source Voltage-
: VDSS= 40V(Min)
·Static Drain-Source On-Resistance
: RDS(on) = 0.004Ω(Max)
·Fast Switching
Description
Seventh Generation HEXFET ® Power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance per
silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that
HEXFET power MOSFETs are well known for, provides
the designer with an extremely efficient and reliable
device for use in a wide variety of applications.
.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃
℃
℃
℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
40
V
VGS
Gate-Source Voltage-Continuous
±20
V
ID
Drain Current-Continuous
162
A
IDM
Drain Current-Single Pluse
650
A
PD
Total Dissipation @TC=25℃
200
W
TJ
Max. Operating Junction Temperature
175
℃
Tstg
Storage Temperature
-55~175
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.75
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
62
℃/W


Similar Part No. - IRF1404

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
logo
Kersemi Electronic Co.,...
IRF1404 KERSEMI-IRF1404 Datasheet
2Mb / 8P
Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
IRF1404L IRF-IRF1404L Datasheet
306Kb / 10P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
logo
Kersemi Electronic Co.,...
IRF1404L KERSEMI-IRF1404L Datasheet
1Mb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRF1404LPBF IRF-IRF1404LPBF Datasheet
329Kb / 12P
AUTOMOTIVE MOSFET
More results

Similar Description - IRF1404

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com