Electronic Components Datasheet Search
  English  ▼

X  

2SC5824 Datasheet(PDF) 2 Page - Rohm

Part # 2SC5824
Description  Power transistor (60V, 3A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5824 Datasheet(HTML) 2 Page - Rohm

  2SC5824 Datasheet HTML 1Page - Rohm 2SC5824 Datasheet HTML 2Page - Rohm 2SC5824 Datasheet HTML 3Page - Rohm 2SC5824 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5824
Transistor
2/3
!
!
!
!Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVEBO
ICBO
IEBO
VCE(sat)
fT
hFE
Cob
Ton
Min.
6
−
−
−
120
−
−
−
−
−
200
−−
20
50
−
1.0
1.0
−
200
500
390
−
−
−
IE
=100µA
VCE
=2V, IC=100mA
VCB
=40V
VEB
=4V
IC
=2A, IB=200mA
IC
=3A,
IB1
=300mA
IB2
= −300mA
VCC 25V
VCE
=10V, IE= −100mA, f=10MHz
VCB
=10V, IE=0mA, f=1MHz
V
µA
µA
MHz
mV
pF
ns
Tstg
−
150
−
ns
Tf
−
30
−
ns
Typ.
Max.
Unit
Conditions
BVCEO
60
−−
V
IC
=1mA
Collector
−emitter breakdown voltage
Collector cut-off current
DC current gain
Transition frequency
Collector output capacitance
Turn-on time
Storage time
Fall time
Emitter cut-off current
Collector
−emitter staturation voltage
BVCBO
60
−−
IC
=100µA
V
Collector
−base breakdown voltage
Emitter
−base breakdown voltage
∗2
∗1
∗1
∗1 Non repetitive pulse
∗2 See switching charactaristics measurement circuits
!
!
!
!hFE RANK
QR
120-270
180-390
!
!
!
!Electrical characteristic curves
Fig.1 Safe operating area
COLLECTOR EMITTER VOLTAGE : VCE (V)
Single non repoetitive pulse
DC
1ms
10ms
110
0.1
100
10
1
0.1
0.01
100ms
Fig.2 Switching Time
1
0.01
0.1
10
1000
100
10
COLLECTOR CURRENT : IC (A)
Ta
=25°C
VCC
=25V
IC/IB
=10/1
Tstg
Tf
Ton
Fig.3 DC current gain vs. collector
current
COLLECTOR CURRENT : IC (A)
0.001
0.01
0.1
10
1
1
10
100
1000
Ta
=125°C
Ta
=100°C
Ta
=25°C
Ta
= −40°C
VCE
=2V
0.001
0.01
0.1
10
1
1
10
100
1000
COLLECTOR CURRENT : IC (A)
VCE
=5V
VCE
=3V
VCE
=2V
Fig.4 DC current gain vs. collector
current
Ta
=25°C
0.001
0.01
0.1
0.01
0.1
1
10
COLLECTOR CURRENT : IC
(A)
10
1
Fig.5 Collector-emitter saturation voltage
vs. Collector Current
IC/IB
=10/1
Ta
=125°C
Ta
=100°C
Ta
=25°C
Ta
= −40°C
0.001
0.1
0.01
10
1
0.01
0.1
1
10
COLLECTOR CURRENT : IC
(A)
Fig.6 Collector-emitter saturation voltage
vs. collector current
IC/IB
=10/1
IC/IB
=20/1
Ta
=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com