Electronic Components Datasheet Search
  English  ▼

X  

2SD2018 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD2018
Description  Silicon NPN epitaxial planar type darlington
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2018 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD2018 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2018 Datasheet HTML 2Page - Panasonic Semiconductor 2SD2018 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD2018
2
SJD00239BED
VBE(sat)  IC
hFE  IC
Cob  VCB
PC  Ta
IC  VCE
VCE(sat)  IC
0
160
40
120
80
0
6
5
4
3
2
1
(1)
(2)
(1) With a 100
× 100 × 2 mm
Al heat sink
(2) Without heat sink
Ambient temperature T
a (°C)
0
012
210
48
6
2.4
2.0
Collector-emitter voltage V
CE (V)
1.6
1.2
0.8
0.4
IB
= 100 µA
60
µA
80
µA
70
µA
90
µA
50
µA
40
µA
30
µA
VCE
= 10 V
TC
= 25°C
0.01
0.1
1
10
0.1
1
10
100
1 000
IC / IB
= 1000
25
°C
−25°C
TC
= 100°C
Collector current I
C (A)
Collector current I
C (A)
0.01
0.1
1
10
0.1
1
10
100
1 000
IC / IB
= 1000
TC
= −25°C
25
°C
100
°C
0.01
0.1
1
10
102
106
105
104
103
VCE
= 10 V
25
°C
−25°C
TC
= 100°C
Collector current I
C (A)
1
10
100
0
24
20
16
12
4
8
IE
= 0
f
= 1 MHz
TC
= 25°C
Collector-base voltage V
CB (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com