Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGP Datasheet(PDF) 9 Page - Texas Instruments

Part # CC113LRGP
Description  Value Line Receiver
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC113LRGP Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 5Page - Texas Instruments CC113LRGP Datasheet HTML 6Page - Texas Instruments CC113LRGP Datasheet HTML 7Page - Texas Instruments CC113LRGP Datasheet HTML 8Page - Texas Instruments CC113LRGP Datasheet HTML 9Page - Texas Instruments CC113LRGP Datasheet HTML 10Page - Texas Instruments CC113LRGP Datasheet HTML 11Page - Texas Instruments CC113LRGP Datasheet HTML 12Page - Texas Instruments CC113LRGP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
4.6
RF Receive Section
TA = 25°C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using SWRR046 and
SWRR045.
Parameter
Min
Typ
Max
Unit
Condition
Digital channel filter
User programmable. The bandwidth limits are proportional to
58
812
kHz
bandwidth
crystal frequency (given values assume a 26.0 MHz crystal)
25 MHz - 1 GHz
–68
–57
dBm
(Maximum figure is the ETSI EN 300 220 V2.3.1 limit)
Above 1 GHz
Spurious emissions
(Maximum figure is the ETSI EN 300 220 V2.3.1 limit)
–66
–47
dBm
Typical radiated spurious emission is –49 dBm measured at the
VCO frequency
Serial operation. Time from start of reception until data is
RX latency
9
bit
available on the receiver data output pin is equal to 9 bit
315 MHz
1.2 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(2-FSK, 1% packet error rate, 20 bytes packet length, 5.2 kHz deviation, 58 kHz digital channel filter bandwidth)
Sensitivity can be traded for current consumption by setting
MDMCFG2.DEM_DCFILT_OFF=1. The typical current
Receiver sensitivity
–111
dBm
consumption is then reduced from 17.2 mA to 15.4 mA at the
sensitivity limit. The sensitivity is typically reduced to -109 dBm
433 MHz
0.6 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GFSK, 1% packet error rate, 20 bytes packet length, 14.3 kHz deviation, 58 kHz digital channel filter bandwidth)
Receiver sensitivity
–116
dBm
1.2 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
GFSK, 1% packet error rate, 20 bytes packet length, 5.2 kHz deviation, 58 kHz digital channel filter bandwidth)
Sensitivity can be traded for current consumption by setting
MDMCFG2.DEM_DCFILT_OFF=1. The typical current
Receiver sensitivity
–112
dBm
consumption is then reduced from 18.0 mA to 16.0 mA at the
sensitivity limit. The sensitivity is typically reduced to –110 dBm
38.4 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GFSK, 1% packet error rate, 20 bytes packet length, 20 kHz deviation, 100 kHz digital channel filter bandwidth)
Receiver sensitivity
–104
dBm
250 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GFSK, 1% packet error rate, 20 bytes packet length, 127 kHz deviation, 540 kHz digital channel filter bandwidth)
Receiver sensitivity
–95
dBm
868/915 MHz
1.2 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GFSK, 1% packet error rate, 20 bytes packet length, 5.2 kHz deviation, 58 kHz digital channel filter bandwidth)
Sensitivity can be traded for current consumption by setting
MDMCFG2.DEM_DCFILT_OFF=1. The typical current
Receiver sensitivity
–112
dBm
consumption is then reduced from 17.7 mA to 15.7 mA at
sensitivity limit. The sensitivity is typically reduced to –109 dBm
Saturation
–14
dBm
FIFOTHR.CLOSE_IN_RX=0. See more in DN010 SWRA147
Desired channel 3 dB above the sensitivity limit.
Adjacent channel rejection
100 kHz channel spacing
37
dB
±100 kHz offset
See Figure 4-4 and Figure 4-5 for selectivity performance at
other offset frequencies
IF frequency 152 kHz
Image channel rejection
31
dB
Desired channel 3 dB above the sensitivity limit
Blocking
Desired channel 3 dB above the sensitivity limit
See Figure 4-4 and Figure 4-5 for blocking performance at other
±2 MHz offset
–50
dBm
offset frequencies
±10 MHz offset
–40
dBm
Copyright © 2011–2014, Texas Instruments Incorporated
Specifications
9
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com