Electronic Components Datasheet Search
  English  ▼

X  

CC1150-RTR1 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 6Page - Texas Instruments CC1150-RTR1 Datasheet HTML 7Page - Texas Instruments CC1150-RTR1 Datasheet HTML 8Page - Texas Instruments CC1150-RTR1 Datasheet HTML 9Page - Texas Instruments CC1150-RTR1 Datasheet HTML 10Page - Texas Instruments CC1150-RTR1 Datasheet HTML 11Page - Texas Instruments CC1150-RTR1 Datasheet HTML 12Page - Texas Instruments CC1150-RTR1 Datasheet HTML 13Page - Texas Instruments CC1150-RTR1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
4.11 Power-On Reset
For proper Power-On-Reset functionality, the power supply must comply with the requirements in this table. Otherwise, the
chip should be assumed to have unknown state until transmitting an SRES strobe over the SPI interface. See Section 5.11.1
for a description of the recommended start-up sequence after turning power on.
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
Power up ramp-up time
5
ms
From 0 V until reaching 1.8 V
Minimum time between power on and
Power-off time
1
ms
power off
4.12 Thermal Resistance Characteristics for VQFNP Package
NAME
DESCRIPTION
°C/W(1) (2)
RθJC(top)
Junction-to-case (top)
54.0
RθJB
Junction-to-board
25.1
RθJA
Junction-to-free air
48.3
PsiJT
Junction-to-package top
1.6
PsiJB
Junction-to-board
25.2
RθJC(bottom)
Junction-to-case (bottom)
6.3
(1)
°C/W = degrees Celsius per watt.
(2)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [RθJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
Power dissipation of 2 W and an ambient temperature of 70ºC is assumed.
10
Specifications
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com