Electronic Components Datasheet Search
  English  ▼

X  

6CWQ04FN Datasheet(PDF) 2 Page - International Rectifier

Part # 6CWQ04FN
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6CWQ04FN Datasheet(HTML) 2 Page - International Rectifier

  6CWQ04FN Datasheet HTML 1Page - International Rectifier 6CWQ04FN Datasheet HTML 2Page - International Rectifier 6CWQ04FN Datasheet HTML 3Page - International Rectifier 6CWQ04FN Datasheet HTML 4Page - International Rectifier 6CWQ04FN Datasheet HTML 5Page - International Rectifier 6CWQ04FN Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6CWQ04FN
2
Bulletin PD-20527 rev. F 03/03
www.irf.com
V
FM
Max. Forward Voltage Drop
0.53
V
@ 3A
(Per Leg) * See Fig. 1
(1)
0.67
V
@ 6A
0.49
V
@ 3A
0.62
V
@ 6A
I
RM
Max. Reverse Leakage Current
2
mA
T
J
= 25 °C
(Per Leg) * See Fig. 2
(1)
24
mA
T
J
= 125 °C
V
F(TO)
Threshold Voltage
0.34
V
T
J
= T
J
max.
r
t
Forward Slope Resistance
37.33
m
Ω
C
T
Typ. Junction Capacitance (Per Leg)
189
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
5.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/µs
(Rated V
R
)
T
J
Max. Junction Temperature Range (*)
-40 to 150
°C
T
stg
Max. Storage Temperature Range
-40 to 150
°C
R
thJC
Max. Thermal Resistance (Per Leg)
4.70
°C/W DC operation
* See Fig. 4
Junction to Case
(Per Device)
2.35
wt
Approximate Weight
0.3 (0.01)
g (oz.)
Case Style
D-Pak
Similar to TO-252AA
Thermal-Mechanical Specifications
T
J
= 25 °C
T
J
= 125 °C
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
V
R
= rated V
R
Part number
6CWQ04FN
V
R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working Peak Reverse Voltage (V)
Voltage Ratings
40
Parameters
6CWQ... Units
Conditions
Parameters
6CWQ... Units
Conditions
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)
I
F(AV)
Max. Average Forward (Per Leg)
3.5
A
50% duty cycle @ T
C
= 135°C, rectangular wave form
Current * See Fig. 5
(Per Device)
7
I
FSM
Max.PeakOneCycleNon-Repetitive
500
5µs Sine or 3µs Rect. pulse
Surge Current (Per Leg) * See Fig. 7
80
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repet. Avalan. Energy (PerLeg)
8.0
mJ
T
J
= 25 °C, I
AS
= 1 Amp, L = 16 mH
I
AR
Repetitive Avalanche Current
1.0
A
Current decaying linearly to zero in 1 µsec
(Per Leg)
Frequency limited by T
J
max. V
A
= 1.5 x V
R
typical
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM applied
A
Parameters
6CWQ... Units
Conditions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com