Electronic Components Datasheet Search
  English  ▼

X  

6TQ Datasheet(PDF) 4 Page - International Rectifier

Part # 6TQ
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6TQ Datasheet(HTML) 4 Page - International Rectifier

  6TQ Datasheet HTML 1Page - International Rectifier 6TQ Datasheet HTML 2Page - International Rectifier 6TQ Datasheet HTML 3Page - International Rectifier 6TQ Datasheet HTML 4Page - International Rectifier 6TQ Datasheet HTML 5Page - International Rectifier 6TQ Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6TQ... Series
4
Bulletin PD-20283 rev. A 05/02
www.irf.com
Fig. 8 - Unclamped Inductive Test Circuit
Fig. 5 - Maximum Allowable Case Temperature
Vs. Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
FR EE-W HE EL
D IO D E
40H FL40S02
CUR RE N T
MO N ITO R
HIG H -SPE ED
SW ITC H
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 V olt
+
(2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
15 0
15 5
16 0
16 5
17 0
17 5
18 0
0
1
2
3
45
67
89
DC
F(A V)
see n ote (2)
Squa re w ave (D = 0.50)
80% Ra te d V ap p lie d
R
A ve ra g e Forw ard C urren t - I
(A)
0
1
2
3
4
5
0
1
2
345
6789
DC
F(A V )
RM S Lim it
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
A ve rag e Forw a rd C urren t - I
(A )
10 0
10 0 0
10
10 0
10 0 0
10000
p
Sq uare W ave Pulse D ura tion - t
(m ic rose c )
At Any Rate d Load C on dition
An d W ith Rate d V
A pplie d
Follow in g S urg e
RRM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com