Electronic Components Datasheet Search
  English  ▼

X  

8TQ080S Datasheet(PDF) 6 Page - International Rectifier

Part # 8TQ080S
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8TQ080S Datasheet(HTML) 6 Page - International Rectifier

  8TQ080S Datasheet HTML 1Page - International Rectifier 8TQ080S Datasheet HTML 2Page - International Rectifier 8TQ080S Datasheet HTML 3Page - International Rectifier 8TQ080S Datasheet HTML 4Page - International Rectifier 8TQ080S Datasheet HTML 5Page - International Rectifier 8TQ080S Datasheet HTML 6Page - International Rectifier 8TQ080S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
8TQ... Series
6
Bulletin PD-20561 rev. D 07/03
www.irf.com
Ordering Information Table
Device Code
1
5
24
3
1
-
Essential Part Number
2
-
T = TO-220
3
-
Q = Schottky Q Series
4
-
Voltage Rating
5
-S = D2Pak
8
T
Q
100
S
080 = 80V
100 = 100V
8TQ100
********************************************
*
This model has been developed by
*
*
Wizard SPICE MODEL GENERATOR (1999)
*
*
(International Rectifier Corporation)
*
*
Contain Proprietary Information
*
********************************************
* SPICE Model Diode is composed by a
*
* simple diode plus paralled VCG2T
*
********************************************
.SUBCKT 8TQ100 ANO CAT
D1 ANO 1 DMOD (0.07089)
*Define diode model
.MODEL DMOD D(IS=1.15938021883115E-03A,N=1.95244918720315,BV=120V,
+ IBV=5.37891460505463A,RS= 0.00127602,CJO=9.9895753025115E-09,
+ VJ=2.30070034831946,XTI=2, EG=0.758916909331649)
********************************************
*Implementation of VCG2T
VX 1 2 DC 0V
R1 2 CAT TRES 1E-6
.MODEL TRES RES(R=1,TC1=-90.2420977904848)
GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((1.635248E-02/-90.2421)*((V(2,CAT)*1E6)/(I(VX)+1E-6)-
1))+1)*4.011038E-03*ABS(V(ANO,CAT)))-1)}
********************************************
.ENDS 8TQ100
Thermal Model Subcircuit
.SUBCKT 8TQ100
5 1
CTHERM1
5
4
1.45E+00
CTHERM2
4
3
4.54E+00
CTHERM3
3
2
1.09E+01
CTHERM4
2
1
1.01E+02
RTHERM1
5
4
2.49E+00
RTHERM2
4
3
5.20E-04
RTHERM1
3
2
5.43E-01
RTHERM1
2
1
3.05E-02
.ENDS 8TQ100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com