Electronic Components Datasheet Search
  English  ▼

X  

10ETS16 Datasheet(PDF) 1 Page - International Rectifier

Part # 10ETS16
Description  INPUT RECTIFIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETS16 Datasheet(HTML) 1 Page - International Rectifier

  10ETS16 Datasheet HTML 1Page - International Rectifier 10ETS16 Datasheet HTML 2Page - International Rectifier 10ETS16 Datasheet HTML 3Page - International Rectifier 10ETS16 Datasheet HTML 4Page - International Rectifier 10ETS16 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INPUT RECTIFIER DIODE
1
Bulletin I2120 rev. A 07/97
SAFEIR Series
10ETS..
V
F
< 1.1V @ 10A
I
FSM = 200A
V
RRM 800 to 1600V
Major Ratings and Characteristics
Characteristics
10ETS..
Units
I
F(AV)
Sinusoidal waveform
10
A
V
RRM
800to 1600
V
I
FSM
200
A
V
F
@ 10 A, T
J
= 25°C
1.1
V
T
J
-40to150
°C
TO-220AC
Description/Features
The 10ETS.. rectifier
SAFEIR series has been
optimized for very low forward voltage drop,
with moderate leakage. The glass passivation
technology used has reliable operation up to
150°C junction temperature.
The
High Reverse Voltage range available
allows design of input stage primary
rectification with
Outstanding Voltage Surge
capability.
Typical applications are in input rectification
and these products are designed to be used
with International Rectifier Switches and
Output Rectifiers which are available in
identical package outlines.
Also available in D-pak (8EWS Series)
Capacitive input filter TA= 55°C, TJ=125°C
12.0
16.0
A
common heatsink of 1°C/ W
Output Current in Typical Applications
Applications
Single-phase Bridge Three-phase Bridge Units
Package Outline


Similar Part No. - 10ETS16

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
10ETS16 ISC-10ETS16 Datasheet
263Kb / 2P
Input Rectifier Diode
10ETS16-M3 ISC-10ETS16-M3 Datasheet
280Kb / 2P
High Voltage Input Rectifier Diode
10ETS16F ISC-10ETS16F Datasheet
266Kb / 2P
Input Rectifier Diode
logo
International Rectifier
10ETS16FP IRF-10ETS16FP Datasheet
91Kb / 6P
INPUT RECTIFIER DIODE TO-220 FULLPAK
logo
Inchange Semiconductor ...
10ETS16FP-M3 ISC-10ETS16FP-M3 Datasheet
304Kb / 2P
High Voltage Input Rectifier Diode
More results

Similar Description - 10ETS16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25ETS08S IRF-25ETS08S Datasheet
142Kb / 7P
INPUT RECTIFIER DIODE
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
INPUT RECTIFIER DIODE
80EPS IRF-80EPS Datasheet
80Kb / 6P
INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
INPUT RECTIFIER DIODE
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
INPUT RECTIFIER DIODE
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
Input Rectifier Diode
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
Input Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com