Electronic Components Datasheet Search
  English  ▼

X  

8EWF04STRR Datasheet(PDF) 6 Page - International Rectifier

Part # 8EWF04STRR
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWF04STRR Datasheet(HTML) 6 Page - International Rectifier

  8EWF04STRR Datasheet HTML 1Page - International Rectifier 8EWF04STRR Datasheet HTML 2Page - International Rectifier 8EWF04STRR Datasheet HTML 3Page - International Rectifier 8EWF04STRR Datasheet HTML 4Page - International Rectifier 8EWF04STRR Datasheet HTML 5Page - International Rectifier 8EWF04STRR Datasheet HTML 6Page - International Rectifier 8EWF04STRR Datasheet HTML 7Page - International Rectifier 8EWF04STRR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
I2124 rev. B 10/99
8EWF..S
QUIETIR Series
Ordering Information Table
8
E
W
F
06
S
TRL
1
5
2
4
3
6
7
1
-
Current Rating
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
W = D-Pak
4
-
Type of Silicon:
F = Fast Soft Recovery Rectifier
5
-
Voltage code: Code x 100 = V
RRM
6
-
S = Surface Mountable
7
-
Tape and Reel Option:
TRL = Left Orientation Reel
TRR = Right Orientation Reel
02 = 200V
04 = 400V
06 = 600V
Device Code
Dimensionsinmillimetersand(inches)
Outline Table
6.73 (0.26)
6.35 (0.25)
5.46 (0.21)
5.21 (0.20)
4
1.27 (0.05)
0.88 (0.03)
5.97 (0.23)
1 - Anode
2 - Cathode
3 - Anode
4 - Cathode
1.64 (0.02)
1.52 (0.06)
1.15 (0.04)
1.14 (0.04)
0.76 (0.03)
2x
2.28 (0.09)
2x
0.89 (0.03)
0.64 (0.02)
3x
4.57 (0.18)
123
6.22 (0.24)
2.38 (0.09)
2.19 (0.08)
6.45 (0.24)
5.68 (0.22)
10.42 (0.41)
9.40 (0.37)
0.46 (0.02)
0.58 (0.02)
1.14 (0.04)
0.89 (0.03)
0.51 (0.02)
MIN.
0.58 (0.02)
0.46 ( 0.02)
MINIMUM RECOMMENDED F OOTPRINT
5.97 (0.24)
10.67 (0.42)
1.65 (0.06)
6.48 (0.26)
2x
2.54 (0.10)
2x
2.28 (0.09)
2x
BASE
CATHODE
CATHODE ANODE
ANODE
4
12
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com