Electronic Components Datasheet Search
  English  ▼

X  

DP83223V Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83223V
Description  TWISTER High Speed Networking Transceiver Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83223V Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DP83223V Datasheet HTML 6Page - National Semiconductor (TI) DP83223V Datasheet HTML 7Page - National Semiconductor (TI) DP83223V Datasheet HTML 8Page - National Semiconductor (TI) DP83223V Datasheet HTML 9Page - National Semiconductor (TI) DP83223V Datasheet HTML 10Page - National Semiconductor (TI) DP83223V Datasheet HTML 11Page - National Semiconductor (TI) DP83223V Datasheet HTML 12Page - National Semiconductor (TI) DP83223V Datasheet HTML 13Page - National Semiconductor (TI) DP83223V Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
4.0 DC and AC Specifications (Continued)
10
Note 1:Guaranteed by characterization over process, temperature, and Vcc.
Note 2:It is recommended that the CDET control input be tied directly to Vcc or GND to ensure proper operation. If CDET is to be driven from a gate, it is
recommended that the gate be capable of true CMOS logic levels.
Note 3:The median voltage level for EQSEL is normally accomplished by floating that pin.
Note 4:ICC is a measure of total device current in normal MLT-3 mode with a 125Mb/s random data pattern applied to the PMRD+/- inputs to allow the
TXO+/- outputs to switch at a nominal 2V pk-pk differential amplitude into a standard 50
Ω differential load. ICC is minus the current through the PECL inputs.
Device configuration: LBEN=0, CDET=0, ENCSEL=0, EQSEL=float, PMRD+/-=125Mb/s data, RXI+/-=125Mb/s data.
Note 5:ICC does not include the current through the PECL outputs. Standard 50
Ω Thevenin equivalent PECL terminations (figure 10) require approximately
14 mA per pin, or a total of 56 mA. 100
Ω PECL terminations require approximately 7 mA per pin, or a total of 28 mA. These external PECL termination current
requirements should be considered when analyzing system power requirements.
Note 6:TXO output current is a measure of the total differential current present at the TXO+/- outputs into a standard 50
Ω differential load. Device configu-
ration: RREF =510Ω, LBEN=0, CDET=0, ENCSEL=0, EQSEL=float, RXI+/-=static.
Note 7:ITXOmatch refers to the percentage of mismatch in current between TXO+ and TXO- referenced to the total output current as defined by:
Device configuration: RREF =510Ω, ENCSEL=0, PMRD+=0, PMRD-=1.
Note 8:Signal Detect Assert Threshold is a measure of the pk-pk differential signal amplitude at the RXI+/- inputs of the RJ45 required to cause the Signal
Detect differential output to assert. Device configuration: LBEN=0, CDET=0, ENCSEL=0, EQSEL=float, PMRD+/-=static, RXI+/-=125Mb/s data with swept
amplitude.
Note 9:Signal Detect De-assert Threshold is a measure of the pk-pk differential signal amplitude at the RXI+/- inputs of the RJ45 required to cause the Signal
Detect differential output to de-assert. Device configuration: LBEN=0, CDET=0, ENCSEL=0, EQSEL=float, PMRD+/-=static, RXI+/-=125Mb/s data with
swept amplitude
Figure 4-1. ICC / Load Diagram
ITXO+ - ITXO-
ITXO+ +ITXO-
x 100
ITXOmatch =
TXVCC
RXVCC
VCC
EXTVCC
SD+
SD-
PMID+
PMID-
TXO+ TXO-
TXGND RXGND GND
VCC
+
-
DP83223
25
Ω
25
Ω
VCC - 2V
+
-
50
Ω
TXREF
510
Ω
50
Ω 50Ω 50Ω
ICC
ICCexternal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com