Electronic Components Datasheet Search
  English  ▼

X  

20ETF12 Datasheet(PDF) 6 Page - International Rectifier

Part # 20ETF12
Description  FAST SOFT RECOVERY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETF12 Datasheet(HTML) 6 Page - International Rectifier

  20ETF12 Datasheet HTML 1Page - International Rectifier 20ETF12 Datasheet HTML 2Page - International Rectifier 20ETF12 Datasheet HTML 3Page - International Rectifier 20ETF12 Datasheet HTML 4Page - International Rectifier 20ETF12 Datasheet HTML 5Page - International Rectifier 20ETF12 Datasheet HTML 6Page - International Rectifier 20ETF12 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
20ETF..S
QUIETIR Series
Bulletin I2111 rev. C 03/99
www.irf.com
1
+
3
2
BASE
--
(A)
(A)
(K)
Outline Table
1 0.16 (0.40)
REF.
8.89 (0.35)
4.57 (0 .18)
4.32 (0.17)
0.61 (0.02) MAX.
5.08 (0.20) REF .
1.32 (0 .05)
1.22 (0.05)
13
6.47 (0.25)
6.18 (0 .24 )
93°
REF .
2.61 (0.10)
2.32 (0 .09 )
5.2 8 (0.21)
4.7 8 (0.19)
4.69 (0.18)
4.20 (0.16)
0.55 (0.02)
0.46 (0.02)
14.73 (0.58)
15.49 (0 .61 )
1.40 (0.055)
1.14 (0.045)
3X
0.93 (0.37)
0.69 (0 .27)
2X
11.43 (0.45)
17.78 (0.70)
8.89 (0.35)
3.81 (0.15)
2.08 (0.08)
2X
2.54 (0.10)
2X
MINIMUM RECOMMENDED FOOTPRINT
2
Dimensions in millimeters and inches
Ordering Information Table
20
E
T
F
06
S
TRL
Device Code
1
5
24
3
6
7
1
-
Current Rating
2
-
Circuit Configuration: E = Single Diode
3
-
T = TO-220AC
4
-
F = Fast Recovery
5
-
Voltage code: Code x 100 = V
RRM
6
-S = D
2Pak (SMD-220) Version
7
-
Tape and Reel Option:
TRL = Left Reel
TRR = Right Orientation Reel
02 = 200V
04 = 400V
06 = 600V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com