Electronic Components Datasheet Search
  English  ▼

X  

36MT Datasheet(PDF) 3 Page - International Rectifier

Part # 36MT
Description  THREE PHASE BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

36MT Datasheet(HTML) 3 Page - International Rectifier

  36MT Datasheet HTML 1Page - International Rectifier 36MT Datasheet HTML 2Page - International Rectifier 36MT Datasheet HTML 3Page - International Rectifier 36MT Datasheet HTML 4Page - International Rectifier 36MT Datasheet HTML 5Page - International Rectifier 36MT Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
26MT../36MT.. Series
Bulletin I2771 rev. E 04/03
www.irf.com
Parameters
26MT
36MT Units
Conditions
T
J
Max. junction temperature range
-55 to 150
oC
T
stg
Max. storage temperature range
-55 to 150
oC
R
thJC
Max. thermal resistance
DC operation per bridge
junction to case
(Based on total power loss of bridge)
R
thCS
Max. thermal resistance, case to
heatsink
wt
Approximate weight
20
g
T
Mounting Torque
± 10%
2.0
Nm
Bridge to heatsink with screw M4
1
3
2
36
MT
160
26 =
25A (Avg)
36 =
35A (Avg)
1
-
Current rating code:
2
-
Basic part number
3
-
Voltage code ( code x 10 = V
RRM
)
Suggested plugging force:
400 N max; axially applied to faston terminals
All dimensions in millimeters (inches)
Not To Scale
Thermal and Mechanical Specifications
1.42
1.35
K/W
0.2
0.2
K/W
Mounting surface, smooth, flat and greased
Outline Table
Ordering Information Table
Device Code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com