Electronic Components Datasheet Search
  English  ▼

X  

CY74FCT16827ATPVC/PVCT Datasheet(PDF) 4 Page - Texas Instruments

Part # CY74FCT16827ATPVC/PVCT
Description  20-Bit Buffers/Line Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT16827ATPVC/PVCT Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT16827ATPVC/PVCT Datasheet HTML 1Page - Texas Instruments CY74FCT16827ATPVC/PVCT Datasheet HTML 2Page - Texas Instruments CY74FCT16827ATPVC/PVCT Datasheet HTML 3Page - Texas Instruments CY74FCT16827ATPVC/PVCT Datasheet HTML 4Page - Texas Instruments CY74FCT16827ATPVC/PVCT Datasheet HTML 5Page - Texas Instruments CY74FCT16827ATPVC/PVCT Datasheet HTML 6Page - Texas Instruments CY74FCT16827ATPVC/PVCT Datasheet HTML 7Page - Texas Instruments CY74FCT16827ATPVC/PVCT Datasheet HTML 8Page - Texas Instruments CY74FCT16827ATPVC/PVCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY74FCT16827T
CY74FCT162827T
4
Switching Characteristics Over the Operating Range[12]
CY74FCT16827AT
CY74FCT162827AT
CY74FCT162827BT
Parameter
Description
Condition[13]
Min.
Max.
Min.
Max.
Unit
Fig. No.[13]
tPLH
tPHL
Propagation Delay
A to Y
CL=50 pF
RL=500Ω
1.5
8.0
1.5
5.0
ns
1, 3
CL=300 pF
RL=500Ω
1.5
15.0
1.5
13.0
tPZH
tPZL
Output Enable Time
OE to Y
CL=50 pF
RL=500Ω
1.5
12.0
1.5
8.0
ns
1, 7, 8
CL=300 pF
RL=500Ω
1.5
23.0
1.5
15.0
tPHZ
tPLZ
Output Disable Time
OE to Y
CL=5 pF
RL=500Ω
1.5
9.0
1.5
6.0
ns
1, 7, 8
CL=50 pF
RL=500Ω
1.5
10.0
1.5
7.0
tSK(O)
Output Skew[14]
—
0.5
—
0.5
ns
—
CY74FCT16827CT
CY74FCT162827CT
Parameter
Description
Condition[12]
Min.
Max.
Unit
Fig. No.[13]
tPLH
tPHL
Propagation Delay
A to Y
CL=50 pF
RL=500Ω
1.5
4.2
ns
1, 3
CL=300 pF
RL=500Ω
1.5
10.0
tPZH
tPZL
Output Enable Time
OE to Y
CL=50 pF
RL=500Ω
1.5
5.6
ns
1, 7, 8
CL=300 pF
RL=500Ω
1.5
14.0
tPHZ
tPLZ
Output Disable Time
OE to Y
CL=5 pF
RL=500Ω
1.5
5.7
ns
1, 7, 8
CL=50 pF
RL=500Ω
1.5
6.0
tSK(O)
Output Skew[14]
—
0.5
ns
—
Notes:
12. Minimum limits are specified but not tested on Propagation Delays.
13. See “Parameter Measurement Information” in the General Information section.
14. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com